Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ1510A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GBJ1510A
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ1510A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBJ1510A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ1510A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ1510A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ1510A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBJ15005A THRU GBJ1510A
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B485
Rev.2.1,09-Oct-16
www.21yangjie.com
■Thermal Characteristics (T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT GBJ15005A GBJ1501A GBJ1502A GBJ1504A GBJ1506A GBJ1508A GBJ1510A
Thermal
Resistance
Between junction and
ambient, Without
heatsink
R
θJ-A
℃/W
22
Between junction and
case, With heatsink
R
θJ-C
1.5
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GBJ15005A THRU
GBJ1510A
B1
Approximate 6.5
15
750
1500
TUBE
GBJ15005A THRU
GBJ1510A
A1
Approximate 6.5
250
250
2000
BOX
■ Characteristics(Typical)
`
0
20
40
60
80
100
10
100
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
1.0
0.1
0.01
80
0
FIG1:Io-Tc Curve
160
90
100
110
120
130
140
150
Tc
2
4
6
8
10
70
12
14
16
sine wave R-load
with heatsink
heatsink
Case Temperature(℃)
1
0
2
5
10
20
50
100
100
200
300
FIG2:Surge Forward Current Capability
0
8.3ms 8.3ms
half sine wave
Number of Cycles
non-repetitive
Tj=25℃
1cycle
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
FIG3: Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
Instantaneous Forward Voltage (V)


Similar Part No. - GBJ1510A

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
GBJ1510A FUTUREWAFER-GBJ1510A Datasheet
905Kb / 6P
   15A Bridge Rectifier
20-OCT-2021 V 2.0
logo
RFE international
GBJ1510A RFE-GBJ1510A Datasheet
2Mb / 3P
   Bridge Rectifiers
1-18-2023
More results

Similar Description - GBJ1510A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com