Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY253G Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # BY253G
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BY253G Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  BY253G Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BY253G Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A061
Rev. 1.2, 28-Apr-14
www.21yangjie.com
BY251G THRU BY255G
硅整流二极管 General Purpose Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
●Io
3A
●VRRM
200V-1300V
●耐正向浪涌电流能力高
●High surge current capability
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
BY
251G
252G
253G
254G
255G
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
200
400
600
800
1300
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=75℃
60Hz Half-sine wave, Resistance
load, Ta=75℃
3
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave,1 cycle,
Ta=25℃
200
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=3.0A
1.0
反向峰值电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta=25℃
2.5
I
RRM2
Ta=125℃
50
热阻(典型)
Thermal Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
30
结电容
Typical junction capacitance
Cj
pF
Measured at 1MHZ and Applied
Reverse Voltage of 4.0 V.D.C.
60
1.0(25.4)
MIN
.375(9.50)
.335(8.50)
.052(1.30)
.048(1.20)
.220(5.60)
.197(5.00)
1.0(25.4)
MIN
(DO-201AD )
Unit: in inches (millimeters)
COMPLIANT
ROHS


Similar Part No. - BY253G

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
BY253G SY-BY253G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
BY253G TAYCHIPST-BY253G Datasheet
1Mb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
Shunye Enterprise
BY253G SHUNYE-BY253G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
BY253G TSC-BY253G Datasheet
286Kb / 6P
   3A, 200V - 800V Glass Passivated Rectifier
logo
RFE international
BY253G RFE-BY253G Datasheet
2Mb / 3P
   General Purpose Rectifier BY251G Through BY255G
08-04-2021
More results

Similar Description - BY253G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com