Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT95L51IB Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT95L51IB
Description  OC-48 ATM UNI/POS/MAPPER IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT95L51IB Datasheet(HTML) 1 Page - Exar Corporation

  XRT95L51IB Datasheet HTML 1Page - Exar Corporation XRT95L51IB Datasheet HTML 2Page - Exar Corporation XRT95L51IB Datasheet HTML 3Page - Exar Corporation XRT95L51IB Datasheet HTML 4Page - Exar Corporation XRT95L51IB Datasheet HTML 5Page - Exar Corporation XRT95L51IB Datasheet HTML 6Page - Exar Corporation XRT95L51IB Datasheet HTML 7Page - Exar Corporation XRT95L51IB Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
áç
áç
áç
áç
PRELIMINARY
XRT95L51
OC-48 ATM UNI/POS/MAPPER IC
JULY 2000
REV. P1.0.1
GENERAL DESCRIPTION
The XRT95L51 is an ATM/PPP physical layer proces-
sor with integrated SONET OC-48/STM-16 framing
controller. ATM direct mapping and cell delineation
are supported, as are PPP mapping and frame pro-
cessing. The XRT95L51 contains an integral SONET
framer which provides framing and error accumula-
tion in accordance with ANSI/ITU-T specifications.
The configuration of this device is done through inter-
nal registers accessible via 8-bit parallel, memory
mapped, microprocessor interface.
The XRT95L51 provides full section, line and path
overhead processing and supports scrambling/de-
scrambling, alarm signal insertion/detection and bit
interleaved parity processing.
The SONET/SDH transmit and receive blocks are
used to transmit/receive an OC-48c/STM-16c signal
or compose and decompose four OC-12/12c sig-
nals.The blocks operate at a peak internal clock
speed of 77 MHz and support 32-bit internal data
paths. The transmit and receive blocks are compliant
with both SONET and SDH standards.
APPLICATIONS
• Digital Cross Connect Systems
• ATM Switches
• Routers
• SONET/SDH Add Drop Multiplexers
• Multiplexers
FEATURES
• Single chip for ATM UNI and Packet over SONET.
• Generates and terminates SONET section, line and
path layers.
• Provides SONET frame scrambling and descram-
bling.
• Provides 32-bit data UTOPIA level II and III multi-
PHY interface and POS-PHY interface.
• 8-bit microprocessor interface
• Includes ATM cell or PPP packet mapping
• Single +3.3V power supply with +5V input tolerance
• -40°C to +85°C Operating Temperature Range
• Available in a 388 pin PBGA package
FIGURE 1. BLOCK DIAGRAM OF THE 95L51 OC-48 ATM UNI/POS/MAPPER IC
Parallel to Serial
Tx XCVR I/F
Serial to Parallel
Rx XCVR I/F
&
Byte Align
Tx OC-12
Mapper X4
Rx OC-12
MapperX4
Overhead
Extraction Block
Tx ATM Cell
Processor
Tx POS Cell
Processor
Rx POS Cell
Processor
Rx ATM Cell
Processor
POH Extract & Interpret
Tx Cell
Buffer
Tx Control
Rx Control
Rx Cell
Buffer
JTAG Test Port
7[/&ON#.20
7[/'$7$>48=3@#.20
7[/357<#.20
7[/)3#.20
7[/567B/#.20
7[/&ON2#.20
7[5()&ON
Tx Framer
SOH Processor
POH Processor
Scrambler
Rx Framer
SOH Processor
POH Processor
Descrambler
5[/&ON#.20
5[/'$7$>48=3@#.20
5[/357<#.20
5[/)3#.20
5[/&ON3#.20
5[5()&ON
/26
5[8&ON
5[8(1B/
5[862&
5[8&/$9
5[8$''5>7=3@
5[8'$7$>64=3@
5[8357<
5[3(23
5[3(55
5[3'9$/
7[8&ON
7[8(1%/
7[862&
7[8&/$9
7[8$''5>7=3@
7[8'$7$>64=3@
7[8357<
7[3(23
7[3(55
32
32
Microprocessor Interface
Overhead
Insertion Block
POH Generation
& Insertion


Similar Part No. - XRT95L51IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT95L53 EXAR-XRT95L53 Datasheet
77Kb / 4P
   OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
More results

Similar Description - XRT95L51IB

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
   OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Applied Micro Circuits ...
CS1201QFI22 AMCC-CS1201QFI22 Datasheet
41Kb / 2P
   STS-12c/STS-3c POS/ATM SONET MAPPER
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
   10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
logo
PMC-Sierra, Inc
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
   16-Channel OC-3c ATM and POS Physical Layer Device
logo
M/A-COM Technology Solu...
29704-BRF-003-A MA-COM-29704-BRF-003-A Datasheet
366Kb / 2P
   OptiPHY F155 Quad OC-3/STM-1 ATM/POS PHY
logo
PMC-Sierra, Inc
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
   Single Channel OC-3c ATM and POS Physical Layer Device
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
   Quad Channel OC-12c ATM and POS Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com