Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A8183 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # Q65111A8183
Description  Scanners
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8183 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button Q65111A8183 Datasheet HTML 5Page - OSRAM GmbH Q65111A8183 Datasheet HTML 6Page - OSRAM GmbH Q65111A8183 Datasheet HTML 7Page - OSRAM GmbH Q65111A8183 Datasheet HTML 8Page - OSRAM GmbH Q65111A8183 Datasheet HTML 9Page - OSRAM GmbH Q65111A8183 Datasheet HTML 10Page - OSRAM GmbH Q65111A8183 Datasheet HTML 11Page - OSRAM GmbH Q65111A8183 Datasheet HTML 12Page - OSRAM GmbH Q65111A8183 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.0
LH T6MF
2015-06-18
9
Relative Forward Voltage 7) page 21
Relative Vorwärtsspannung 7) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 20 mA
Relative Radiant Intensity 7) page 21
Relative Strahlstärke 7) Seite 21
IE/IE(25)°C = f(Tj); IF = 20mA
Centroid Wavelength 7) page 21
Centroid Wellenlänge 7) Seite 21
Δλcentr = λcentr - λcentr (25°C) = f(Tj); IF = 20 mA
LH T6MF
-4
0
-2
0
0
20
40
60
80
10
0
Tj [°C]
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆V
F [V]
LH T6MF
-4
0
-2
0
0
20
40
60
80
10
0
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IE
IE (25°C)
LH T6MF
-4
0
-2
0
0
20
40
60
80
10
0
Tj [°C]
-10
-5
0
5
10
15
20
∆λ
centr [nm]


Similar Part No. - Q65111A8183

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A8184 OSRAM-Q65111A8184 Datasheet
694Kb / 24P
   Automotive Interior Lighting
More results

Similar Description - Q65111A8183

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDW5SM OSRAM-LDW5SM Datasheet
674Kb / 21P
   Scanners
logo
SICK AG
CLV615-F3000 SICK-CLV615-F3000 Datasheet
571Kb / 6P
   CODE SCANNERS
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
S31A-7011CA SICK-S31A-7011CA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
S32B-2011EA SICK-S32B-2011EA Datasheet
1Mb / 9P
   SAFETY LASER SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com