Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A7487 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # Q65111A7487
Description  Projektion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7487 Datasheet(HTML) 4 Page - OSRAM GmbH

  Q65111A7487 Datasheet HTML 1Page - OSRAM GmbH Q65111A7487 Datasheet HTML 2Page - OSRAM GmbH Q65111A7487 Datasheet HTML 3Page - OSRAM GmbH Q65111A7487 Datasheet HTML 4Page - OSRAM GmbH Q65111A7487 Datasheet HTML 5Page - OSRAM GmbH Q65111A7487 Datasheet HTML 6Page - OSRAM GmbH Q65111A7487 Datasheet HTML 7Page - OSRAM GmbH Q65111A7487 Datasheet HTML 8Page - OSRAM GmbH Q65111A7487 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2016-11-28
4
Version 1.1
LE CG P2A 01
Characteristics (TBoard = 25 °C; IF = 12000 mA; per string; f = 1000 Hz; tint = 100 ms; D = 0.5)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 20
Farbkoordinaten nach CIE 1931 2) Seite 20
(within λ = 500 ... 600 nm)
(typ.)
(typ.)
Cx
Cy
0.318
0.642
-
-
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
520
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
100
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
3) page 20 , 4) page 20
Durchlassspannung
3) Seite 20 , 4) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
3.20
3.55
4.30
V
V
V
Deviation of forward voltage of all chips
Abweichung der Durchlassspannung aller Chips
(max.)
VF
135
mV
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
V 120° = x * ΦV 180°)
(typ.)
Φ
E/V, 120°
0.77
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
2.6 x 3.2
mm²
Thermal resistance junction / board 5) page 20
Wärmewiderstand Sperrschicht / Board 5) Seite 20
(typ.)
R
th JB real
0.7
K/W
Thermal resistance junction / board 5) page 20
Wärmewiderstand Sperrschicht / Board
5) Seite 20
(with efficiency ηe = 18 %)
(typ.)
R
th JB el
0.6
K/W


Similar Part No. - Q65111A7487

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7480 OSRAM-Q65111A7480 Datasheet
817Kb / 19P
   Indoor General Lighting
Q65111A7481 OSRAM-Q65111A7481 Datasheet
817Kb / 19P
   Indoor General Lighting
Q65111A7482 OSRAM-Q65111A7482 Datasheet
817Kb / 19P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com