Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A8982 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A8982
Description  Direktionale Retrofits
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8982 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A8982 Datasheet HTML 7Page - OSRAM GmbH Q65111A8982 Datasheet HTML 8Page - OSRAM GmbH Q65111A8982 Datasheet HTML 9Page - OSRAM GmbH Q65111A8982 Datasheet HTML 10Page - OSRAM GmbH Q65111A8982 Datasheet HTML 11Page - OSRAM GmbH Q65111A8982 Datasheet HTML 12Page - OSRAM GmbH Q65111A8982 Datasheet HTML 13Page - OSRAM GmbH Q65111A8982 Datasheet HTML 14Page - OSRAM GmbH Q65111A8982 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 1.1
GW P9LT31.CM
2015-12-16
11
Forward Current 6) page 23 , 9) page 23
Durchlassstrom 6) Seite 23 , 9) Seite 23
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 23 , 9) page 23
Relativer Lichtstrom 6) Seite 23 , 9) Seite 23
ΦVV(150 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23
ΔCx, ΔCy = f(IF); TS = 25 °C
GW P9LT31.CM
26
33
28
30
32
VF [V]
10
20
40
60
80
100
120
140
160
180
200
IF [mA]
GW P9LT31.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
0,2
0,4
0,6
0,8
1,0
1,2
Φ
V
Φ
V(150mA)
GW P9LT31.CM
10
40
60
80
10
0
12
0
14
0
16
0
18
0
20
0
IF [mA]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
:
Cx -
:
Cy -


Similar Part No. - Q65111A8982

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A8984 OSRAM-Q65111A8984 Datasheet
1Mb / 24P
   Directional retrofits
Q65111A8985 OSRAM-Q65111A8985 Datasheet
1Mb / 24P
   Directional retrofits
Q65111A8986 OSRAM-Q65111A8986 Datasheet
1Mb / 24P
   Directional retrofits
Q65111A8987 OSRAM-Q65111A8987 Datasheet
1Mb / 24P
   Directional retrofits
More results

Similar Description - Q65111A8982

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
   Omnidirectional retrofits
GWP9LT31.EM OSRAM-GWP9LT31.EM Datasheet
2Mb / 24P
   Directional retrofits
GWT3LMF1.EM OSRAM-GWT3LMF1.EM Datasheet
1Mb / 18P
   Omnidirectional retrofits
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
   Directional retrofits
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
   Directional retrofits
GWP9LR32.EM OSRAM-GWP9LR32.EM Datasheet
2Mb / 24P
   Directional retrofits
GWT3LSF1.EM OSRAM-GWT3LSF1.EM Datasheet
1Mb / 18P
   Omnidirectional retrofits
GWP7LL31.CM OSRAM-GWP7LL31.CM Datasheet
1Mb / 24P
   Omnidirectional retrofits
GWP7LM32.PM OSRAM-GWP7LM32.PM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LT32.EM OSRAM-GWP9LT32.EM Datasheet
1Mb / 24P
   Directional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com