Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1916 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1916
Description  3 Terminal Positive Voltage Regulator 15V, 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1916 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1916 Datasheet HTML 1Page - NTE Electronics NTE1916 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (0
° ≤ TJ ≤ +125°C, Note 2 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Line Regulation
Regline
TJ = +25°C 17.5V ≤ VIN ≤ 30V, IO = 500mA
4
150
mV
17.7V
≤ VIN ≤ 27V, IO ≤ 1A
150
mV
18.5V
≤ VIN ≤ 30V, IO = 500mA
150
mV
20V
≤ VIN ≤ 26V, IO ≤ 1A
75
mV
Load Regulation
Regload
TJ = +25°C 5mA ≤ IO ≤ 1.5A
12
150
mV
250mA
≤ IO ≤ 750mA
75
mV
5mA
≤ IO ≤ 1A
150
mV
Quiescent Current
IQ
TJ = +25°C, IO ≤ 1A
8.0
mA
IO ≤ 1A
8.5
mA
Quiescent Current Change
IQ
5mA
≤ IO ≤ 1A
0.5
mA
TA = +25°C, IO ≤ 1A, 17.9V ≤ VIN ≤ 30V
1.0
mA
IO ≤ 500mA, 17.5V ≤ VIN ≤ 30V
1.0
mA
Output Noise Voltage
Vn
TA = +25°C, f = 10Hz to 100kHz
90
µV
Ripple Rejection Ratio
RR
TA = +25°C, 18.5V ≤ VIN ≤ 28.5V, f = 120Hz,
IO ≤ 1A
54
70
dB
18.5V
≤ VIN ≤ 28.5V, f = 120Hz, IO ≤ 500mA
54
dB
Dropout Voltage
TJ = +25°C, IO = 1A
2.0
V
Peak Output Current
IOmax
TJ = +25°C
2.4
A
Average Temperature
Coefficient of Output
Voltage
IO = 5mA
1.8
mV/
°C
Note 2. All characteristics are measured with a 0.22
µF capacitor across the input and a 0.1µF capac-
itor across the output. All characteristics except noise voltage and ripple rejection ratio are
measured using pulse tecniques (tw ≤ 10ms, duty cycle ≤ 5%). Output voltage changes due
to changes in internal temperature must be taken into account separately.
1.187 (30.16)
.875 (22.2)
Dia Max
.665
(16.9)
.430
(10.92)
Seating Plane
.040 (1.02)
.312 (7.93) Min
.135 (3.45) Max
.350 (8.89)
VOUT
Common/Case
VIN
.215 (5.45)
.525 (13.35) R Max
.156 (3.96) Dia
(2 Holes)
.188 (4.8) R Max


Similar Part No. - NTE1916

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE1913 NTE-NTE1913 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 1.5A
More results

Similar Description - NTE1916

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317 GTM-GLLM317 Datasheet
311Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com