Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7961 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7961
Description  3.125Gb/s PECL Limiting Amplifier with LOS Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7961 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7961 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7961 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7961
3.125Gb/s PECL Limiting Amplifier with LOS Detect
Page 4
G52360-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Pin Descriptions
Figure 1: Pin Diagram
Table 5: Pin Identifications
Pin Name
Pin No.
Description
CZ1
1
Offset Correction Loop Capacitor. Place capacitor between this pin and CZ2 to alter time constant
of offset correction loop. See Detailed Description section.
CZ2
2
Offset Correction Loop Capacitor. Place capacitor between this pin and CZ1 to alter time constant
of offset correction loop. See Detailed Description section.
GND
3
Supply Ground
IN+
4
Noninverted Input Signal
IN-
5
Inverted Input Signal
GND
6
Supply Ground
NC
7
This pin may be either connected to ground of left unconnected. This pin does not effet the
performance of the device.
TH
8
Loss of Signal (LOS) Threshold. Connect a resistor from this pin to ground to set the input signal
level at which LOS outputs will be asserted. See Application Information section.
LOS
9
Inverted Loss of Signal Output. LOS is HIGH for input signals above the threshold programmed by
TH. See Detailed Description section.
LOS
10
Noninverted Loss of Signal Output. LOS is LOW for input signals above the threshold
programmed by TH. See Detailed Description section.
VCC
11
Power Supply
OUT-
12
Inverted Data Output
OUT+
13
Noninverted Data Output
VCC
14
Power Supply
SQUELCH
15
Squelch Input. Squelch is disabled if this pin is unconnected or set LOW. When SQUELCH is
HIGH, OUT+ and OUT- are forced to static levels. See Detailed Description section.
NC
16
No Connection
1
2
3
4
5
6
7
8
CZ1
CZ2
GND
IN+
IN-
GND
NC
TH
NC
SQUELCH
VCC
OUT+
OUT-
VCC
LOS
LOS
16
15
14
13
12
11
10
9
VSC7961
Top View
TSSOP-16 Package


Similar Part No. - VSC7961

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7969 VITESSE-VSC7969 Datasheet
170Kb / 14P
   3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
More results

Similar Description - VSC7961

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
   3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7969 VITESSE-VSC7969 Datasheet
170Kb / 14P
   3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
SY88773VMG MICREL-SY88773VMG Datasheet
120Kb / 11P
   LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com