Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMBT2222A
Description  Epitaxial planar die construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMBT2222A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMBT2222A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMBT2222A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMBT2222A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Epitaxial planar die construction
Complementary PNP Type available(MMBT2907A)
MARKING: 1P
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
75
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
600
mA
PC
Collector Power Dissipation
350
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55to+150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 10μA, IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
10
nA
Collector cut-off current
ICEX
VCE=60V, VBE(off)=3V
10
nA
Emitter cut-off current
IEBO
VEB= 3V,IC=0
0.1
μA
hFE(1)
VCE=10V, IC=150mA
100
300
hFE(2)
VCE=10V, IC= 0.1mA
40
DC current gain
hFE(3)
VCE=10V, IC= 500mA
42
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50mA
IC=150 mA, IB=15mA
1
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=500 mA, IB= 50mA
IC=150 mA, IB=15mA
0.6
2.0
1.2
V
Transition frequency
fT
VCE=20V, IC= 20mA
f=100MHz
300
MHz
Delay time
td
10
nS
Rise time
tr
VCC=30V, VBE(off)=-0.5V
IC=150mA , IB1= 15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=30V, IC=150mA
IB1=-IB2=15mA
60
nS
1. BASE
2.EMITTER
3.COLLECTOR
MMBT2222A
SOT-23 Transistor(NPN)
Dimensions in inches and (millimeters)
SOT-23
CLASSIFICATION OF hFE(1)
Rank
L
H
Range
100-200
200-300
Features
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Texas Instruments
MMBT2222A TI1-MMBT2222A Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Weitron Technology
MMBT2222A WEITRON-MMBT2222A Datasheet
367Kb / 6P
   NPN General Purpose Transistors
logo
Diotec Semiconductor
MMBT2222A DIOTEC-MMBT2222A Datasheet
100Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
More results

Similar Description - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
   Epitaxial Planar Die Construction
logo
Shanghai Leiditech Elec...
MMBT2907A LEIDITECH-MMBT2907A Datasheet
563Kb / 4P
   Epitaxial planar die construction
logo
Bruckewell Technology L...
DTAXXXXCA_R1 BWTECH-DTAXXXXCA_R1 Datasheet
478Kb / 6P
   Epitaxial planar die construction.
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2907 MAKOSEMI-MMBT2907 Datasheet
119Kb / 2P
   Epitaxial planar die construction.
logo
Shanghai Leiditech Elec...
MMBT2222A LEIDITECH-MMBT2222A Datasheet
1Mb / 5P
   Epitaxial planar die construction
logo
Yea Shin Technology Co....
MMBT3904DW YEASHIN-MMBT3904DW Datasheet
831Kb / 3P
   Epitaxial planar die construction
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2222 MAKOSEMI-MMBT2222 Datasheet
523Kb / 2P
   Epitaxial planar die construction
logo
SHIKUES Electronics
MMDT5401 SKTECHNOLGY-MMDT5401 Datasheet
853Kb / 3P
   Epitaxial Planar Die Construction
MMDT5551 SKTECHNOLGY-MMDT5551 Datasheet
772Kb / 3P
   Epitaxial Planar Die Construction
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
   Epitaxial planar die construction.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com