Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7873ARUZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7873ARUZ
Description  Touch Screen Digitizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ARUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7873ARUZ Datasheet HTML 6Page - Analog Devices AD7873ARUZ Datasheet HTML 7Page - Analog Devices AD7873ARUZ Datasheet HTML 8Page - Analog Devices AD7873ARUZ Datasheet HTML 9Page - Analog Devices AD7873ARUZ Datasheet HTML 10Page - Analog Devices AD7873ARUZ Datasheet HTML 11Page - Analog Devices AD7873ARUZ Datasheet HTML 12Page - Analog Devices AD7873ARUZ Datasheet HTML 13Page - Analog Devices AD7873ARUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7873
Rev. F | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Supply Current vs. Temperature
Figure 6. Supply Current vs. +VCC
Figure 7. Change in Gain vs. Temperature
Figure 8. Power-Down Supply Current vs. Temperature
Figure 9. Maximum Sample Rate vs. +VCC
Figure 10. Change in Offset vs. Temperature
198
199
200
201
202
203
204
205
206
207
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
150
160
170
180
190
200
210
220
230
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
+VCC (V)
fSAMPLE = 12.5kHz
VREF = +VCC
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
134
135
136
137
138
139
140
141
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
3.2
3.7
2.2
2.7
4.2
4.7
5.2
+VCC (V)
100
1000
VREF = +VCC
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)


Similar Part No. - AD7873ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873ARUZ AD-AD7873ARUZ Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7873ARUZ AD-AD7873ARUZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARUZ AD-AD7873ARUZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ARUZ-REEL AD-AD7873ARUZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARUZ-REEL AD-AD7873ARUZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
More results

Similar Description - AD7873ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com