Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73322L Datasheet(PDF) 27 Page - Analog Devices

Part # AD73322L
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322L Datasheet(HTML) 27 Page - Analog Devices

Back Button AD73322L_17 Datasheet HTML 23Page - Analog Devices AD73322L_17 Datasheet HTML 24Page - Analog Devices AD73322L_17 Datasheet HTML 25Page - Analog Devices AD73322L_17 Datasheet HTML 26Page - Analog Devices AD73322L_17 Datasheet HTML 27Page - Analog Devices AD73322L_17 Datasheet HTML 28Page - Analog Devices AD73322L_17 Datasheet HTML 29Page - Analog Devices AD73322L_17 Datasheet HTML 30Page - Analog Devices AD73322L_17 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
AD73322L
Rev. A | Page 26 of 48
ANALOG LOOP-BACK MODE
In analog loop-back mode, the differential DAC output is
connected, via a loop-back switch, to the ADC input, as shown
in Figure 22. This mode allows the ADC channel to check
functionality of the DAC channel as the reconstructed output
signal can be monitored using the ADC as a sampler. analog
loop-back is enabled by setting the ALB bit (CRF:7).
Note that analog loop-back can only be enabled if the Analog
Gain Tap is powered down (CRC:1 = 0).
INVERTING
OP AMPS
ANALOG GAIN
TAP POWERED
DOWN
ANALOG
LOOP-BACK
SELECT
INVERT
SINGLE-
ENDED
ENABLE
CONTINUOUS
TIME
LOW-PASS
FILTER
VREF
VFBN1
VINN1
VINP1
VFBP1
VOUTP1
VOUTN1
AD73322L
+6/–15dB
PGA
0/38dB
PGA
GAIN
±1
REFOUT
REFCAP
REFERENCE
VREF
Figure 22. Analog Loop-Back Connectivity


Similar Part No. - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
More results

Similar Description - AD73322L_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com