Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7877 Datasheet(PDF) 44 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7877_17 Datasheet HTML 38Page - Analog Devices AD7877_17 Datasheet HTML 39Page - Analog Devices AD7877_17 Datasheet HTML 40Page - Analog Devices AD7877_17 Datasheet HTML 41Page - Analog Devices AD7877_17 Datasheet HTML 42Page - Analog Devices AD7877_17 Datasheet HTML 43Page - Analog Devices AD7877_17 Datasheet HTML 44Page - Analog Devices AD7877_17 Datasheet HTML 45Page - Analog Devices AD7877_17 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Data Sheet
AD7877
Register Name: GPIO Control Register 2
Write Address: [1111] 0001
Read Address:
11100
Default Value:
0x000
Type:
Read/write
Table 23.
Bit
Name
Read/Write
Description
0
GPIO4_ALEN
R/W
If this bit is 1, GPIO4 is an interrupt source for the ALERT output; clearing this bit masks out GPIO3
as an interrupt source for the ALERT output
1
GPIO4_DIR
R/W
This bit sets the direction of GPIO4
0 = output
1 = input
2
GPIO4_POL
R/W
This bit determines if GPIO4 is active high or low
0 = active low
1 = active high
3
Not Used
This bit is not used
4
GPIO3_ALEN
R/W
If this bit is 1, GPIO3 is an interrupt source for the ALERT output; clearing this bit masks out GPIO4
as an interrupt source for the ALERT output
5
GPIO3_DIR
R/W
This bit sets the direction of GPIO3
0 = output
1 = input
6
GPIO3_POL
R/W
This bit determines if GPIO3 is active high or low
0 = active low
1 = active high
7
GPIO3_EN
R/W
This bit selects the function of AUX3/GPIO3
0 = AUX3
1 = GPIO3
Register Name: GPIO Data Register
Write Address: [1111] 0010
Read Address:
11101
Default Value:
0x000
Type:
Read/write
Table 24.
Bit
Name
Read/Write
Description
0
Not used
This bit is not used
1
Not used
This bit is not used
2
Not used
This bit is not used
3
Not used
This bit is not used
4
GPIO4_DAT
R/W
GPIO4 data bit
5
GPIO3_DAT
R/W
GPIO3 data bit
6
GPIO2_DAT
R/W
GPIO2 data bit
7
GPIO1_DAT
R/W
GPIO1 data bit
Rev. E | Page 43 of 45


Similar Part No. - AD7877_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7877 AD-AD7877_15 Datasheet
843Kb / 45P
   Touch Screen Controller
REV. D
More results

Similar Description - AD7877_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com