Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7147A Datasheet(PDF) 52 Page - Analog Devices

Part # AD7147A
Description  CapTouch Programmable Controller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147A Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7147A Datasheet HTML 48Page - Analog Devices AD7147A Datasheet HTML 49Page - Analog Devices AD7147A Datasheet HTML 50Page - Analog Devices AD7147A Datasheet HTML 51Page - Analog Devices AD7147A Datasheet HTML 52Page - Analog Devices AD7147A Datasheet HTML 53Page - Analog Devices AD7147A Datasheet HTML 54Page - Analog Devices AD7147A Datasheet HTML 55Page - Analog Devices AD7147A Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
AD7147A
Rev. B | Page 51 of 68
BANK 2 REGISTERS
All address values are expressed in hexadecimal.
Table 35. STAGEx_CONNECTION[6:0] Register Description (x = 0 to 11)
Data Bit
Default
Value1
Type
Name
Description
[1:0]
X
R/W
CIN0_CONNECTION_SETUP
CIN0 connection setup
00 = CIN0 not connected to CDC inputs
01 = CIN0 connected to CDC negative input
10 = CIN0 connected to CDC positive input
11 = CIN0 connected to BIAS (connect unused CINx inputs)
[3:2]
X
R/W
CIN1_CONNECTION_SETUP
CIN1 connection setup
00 = CIN1 not connected to CDC inputs
01 = CIN1 connected to CDC negative input
10 = CIN1 connected to CDC positive input
11 = CIN1 connected to BIAS (connect unused CINx inputs)
[5:4]
X
R/W
CIN2_CONNECTION_SETUP
CIN2 connection setup
00 = CIN2 not connected to CDC inputs
01 = CIN2 connected to CDC negative input
10 = CIN2 connected to CDC positive input
11 = CIN2 connected to BIAS (connect unused CINx inputs)
[7:6]
X
R/W
CIN3_CONNECTION_SETUP
CIN3 connection setup
00 = CIN3 not connected to CDC inputs
01 = CIN3 connected to CDC negative input
10 = CIN3 connected to CDC positive input
11 = CIN3 connected to BIAS (connect unused CINx inputs)
[9:8]
X
R/W
CIN4_CONNECTION_SETUP
CIN4 connection setup
00 = CIN4 not connected to CDC inputs
01 = CIN4 connected to CDC negative input
10 = CIN4 connected to CDC positive input
11 = CIN4 connected to BIAS (connect unused CINx inputs)
[11:10]
X
R/W
CIN5_CONNECTION_SETUP
CIN5 connection setup
00 = CIN5 not connected to CDC inputs
01 = CIN5 connected to CDC negative input
10 = CIN5 connected to CDC positive input
11 = CIN5 connected to BIAS (connect unused CINx inputs)
[13:12]
X
R/W
CIN6_CONNECTION_SETUP
CIN6 connection setup
00 = CIN6 not connected to CDC inputs
01 = CIN6 connected to CDC negative input
10 = CIN6 connected to CDC positive input
11 = CIN6 connected to BIAS (connect unused CINx inputs)
[15:14]
X
Unused
Set to 0
1 X = don’t care.


Similar Part No. - AD7147A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147ACPZ-1500RL7 AD-AD7147ACPZ-1500RL7 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147ACPZ-1500RL7 AD-AD7147ACPZ-1500RL7 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147ACPZ-1REEL AD-AD7147ACPZ-1REEL Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
AD7147ACPZ-1REEL AD-AD7147ACPZ-1REEL Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147ACPZ-500RL7 AD-AD7147ACPZ-500RL7 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
More results

Similar Description - AD7147A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com