Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7143 Datasheet(PDF) 44 Page - Analog Devices

Part # AD7143
Description  Programmable Controller for Capacitance Touch Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7143 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7143_17 Datasheet HTML 40Page - Analog Devices AD7143_17 Datasheet HTML 41Page - Analog Devices AD7143_17 Datasheet HTML 42Page - Analog Devices AD7143_17 Datasheet HTML 43Page - Analog Devices AD7143_17 Datasheet HTML 44Page - Analog Devices AD7143_17 Datasheet HTML 45Page - Analog Devices AD7143_17 Datasheet HTML 46Page - Analog Devices AD7143_17 Datasheet HTML 47Page - Analog Devices AD7143_17 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
AD7143
Rev. 0 | Page 43 of 56
BANK 2 REGISTERS
All address values are expressed in hexadecimal format.
Table 30. STAGE0 Configuration Registers
Address
Data Bit
Default
Type
Name
Description
0x080
[15:0]
X
R/W
STAGE0_CONNECTION[6:0]
STAGE0 CIN(6:0) connection setup (see Table 38)
0x081
[15:0]
X
R/W
STAGE0_CONNECTION 7
STAGE0 CIN7 connection setup (see Table 39)
0x082
[15:0]
X
R/W
STAGE0_AFE_OFFSET
STAGE0 AFE offset control (see Table 40)
0x083
[15:0]
X
R/W
STAGE0_SENSITIVITY
STAGE0 sensitivity control (see Table 41)
0x084
[15:0]
X
R/W
STAGE0_OFFSET_LOW
STAGE0 initial offset low value
0x085
[15:0]
X
R/W
STAGE0_OFFSET_HIGH
STAGE0 initial offset high value
0x086
[15:0]
X
R/W
STAGE0_OFFSET_HIGH_CLAMP
STAGE0 offset high clamp value
0x087
[15:0]
X
R/W
STAGE0_OFFSET_LOW_CLAMP
STAGE0 offset low clamp value
Table 31. STAGE1 Configuration Registers
Address
Data Bit
Default
Type
Name
Description
0x088
[15:0]
X
R/W
STAGE1_CONNECTION[6:0]
STAGE1 CIN(6:0) connection setup (see Table 38)
0x089
[15:0]
X
R/W
STAGE1_CONNECTION 7
STAGE1 CIN7 connection setup (see Table 39)
0x08A
[15:0]
X
R/W
STAGE1_AFE_OFFSET
STAGE1 AFE offset control (see Table 40)
0x08B
[15:0]
X
R/W
STAGE1_SENSITIVITY
STAGE1 sensitivity control (see Table 41)
0x08C
[15:0]
X
R/W
STAGE1_OFFSET_LOW
STAGE1 initial offset low value
0x08D
[15:0]
X
R/W
STAGE1_OFFSET_HIGH
STAGE1 initial offset high value
0x08E
[15:0]
X
R/W
STAGE1_OFFSET_HIGH_CLAMP
STAGE1 offset high clamp value
0x08F
[15:0]
X
R/W
STAGE1_OFFSET_LOW_CLAMP
STAGE1 offset low clamp value
Table 32. STAGE2 Configuration Registers
Address
Data Bit
Default
Type
Name
Description
0x090
[15:0]
X
R/W
STAGE2_CONNECTION[6:0]
STAGE2 CIN(6:0) connection setup (see Table 38)
0x091
[15:0]
X
R/W
STAGE2_CONNECTION 7
STAGE2 CIN7 connection setup (see Table 39)
0x092
[15:0]
X
R/W
STAGE2_AFE_OFFSET
STAGE2 AFE offset control (see Table 40)
0x093
[15:0]
X
R/W
STAGE2_SENSITIVITY
STAGE2 sensitivity control (see Table 41)
0x094
[15:0]
X
R/W
STAGE2_OFFSET_LOW
STAGE2 initial offset low value
0x095
[15:0]
X
R/W
STAGE2_OFFSET_HIGH
STAGE2 initial offset high value
0x096
[15:0]
X
R/W
STAGE2_OFFSET_HIGH_CLAMP
STAGE2 offset high clamp value
0x097
[15:0]
X
R/W
STAGE2_OFFSET_LOW_CLAMP
STAGE2 offset low clamp value


Similar Part No. - AD7143_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
More results

Similar Description - AD7143_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com