Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7142 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7142
Description  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 5 Page - Analog Devices

  AD7142_17 Datasheet HTML 1Page - Analog Devices AD7142_17 Datasheet HTML 2Page - Analog Devices AD7142_17 Datasheet HTML 3Page - Analog Devices AD7142_17 Datasheet HTML 4Page - Analog Devices AD7142_17 Datasheet HTML 5Page - Analog Devices AD7142_17 Datasheet HTML 6Page - Analog Devices AD7142_17 Datasheet HTML 7Page - Analog Devices AD7142_17 Datasheet HTML 8Page - Analog Devices AD7142_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Data Sheet
AD7142
Rev. B | Page 5 of 70
PLASTIC OVERLAY
SENSOR BOARD
CBULK
CIN
CAPACITIVE SENSOR
Figure 2.
Table 2. Typical Average Current in Low Power Mode, AVCC, DVCC = 3.6 V, T= 25°C, Load of 50 pF on SRC Pin, No Load on SRC
Number of Conversion Stages (Current Values Expressed in μA)
Low Power Mode
Delay
Decimation
Rate
1
2
3
4
5
6
7
8
9
10
11
12
200 ms
128
26.4
33.3
40.1
46.9
53.5
60
66.5
72.8
79.1
85.2
91.3
97.3
256
35.6
49.1
62.2
74.9
87.3
99.3
111
122.3
133.4
144.2
154.7
164.9
400 ms
128
21.3
24.8
28.3
31.7
35.2
38.6
42
45.4
48.7
52
55.3
58.6
256
26
32.9
39.7
46.5
53.1
59.6
66.1
72.4
78.7
84.9
91
97
600 ms
128
19.6
21.9
24.3
26.6
28.9
31.2
33.5
35.8
38.1
40.4
42.6
44.8
256
22.7
27.4
32
36.6
41.1
45.6
50
54.4
58.8
63.1
67.4
71.6
800 ms
128
18.7
20.5
22.2
24
25.7
27.5
29.2
31
32.7
34.4
36.1
37.8
256
21.1
24.6
28.1
31.5
35
38.4
41.8
45.2
48.5
51.8
55.1
58.4
Table 3. Maximum Average Current in Low Power Mode, AVCC, DVCC = 3.6 V, Load of 50 pF on SRC Pin, No Load on SRC
Number of Conversion Stages (Current Values Expressed in μA)
Low Power Mode
Delay
Decimation
Rate
1
2
3
4
5
6
7
8
9
10
11
12
200 ms
128
45.4
53.6
61.5
69.4
77.1
84.7
92.2
99.6
106.8
113.9
121
127.9
256
56.2
72
87.2
102
116.3
130.2
143.7
156.8
169.5
181.8
193.8
205.5
400 ms
128
39.5
43.6
47.7
51.8
55.8
59.8
63.7
67.6
71.5
75.4
79.2
83
256
45
53.1
61.1
68.9
76.7
84.3
91.8
99.1
106.4
113.6
120.6
127.5
600 ms
128
37.5
40.3
43
45.8
48.5
51.2
53.9
56.5
59.2
61.8
64.5
67.1
256
41.2
46.7
52.1
57.4
62.7
67.9
73.1
78.2
83.3
88.3
93.3
98.2
800 ms
128
36.5
38.6
40.7
42.7
44.8
46.8
48.8
50.9
52.9
54.9
56.9
58.9
256
39.3
43.4
47.5
51.5
55.6
59.5
63.5
67.4
71.3
75.2
79
82.8


Similar Part No. - AD7142_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Similar Description - AD7142_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com