Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBR20100SS Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR20100SS
Description  SCHOTTKY BARRIER DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR20100SS Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR20100SS Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR20100SS Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
R
HBR20100S
版本(Rev.):201507D
2/10
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
Parameter
符 号
Symbol
数 值
Value
单 位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
100
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
100
V
正向平均整流电流
Average forward
current
TC=150℃
(TO-220/263/262
/IPAKM/DPAKM)
TC=125℃
(TO-220HF)
整个器件
per device
per diode
IF(AV)
20
10
A
正向峰值浪涌电流
Surge non repetitive
forward current
(额定负载 8.3ms 半正弦波—按 JEDEC 方法)
8.3 ms single half-sine-wave (JEDEC Method)
IFSM
180
A
最高结温
Maximum junction temperature
Tj
175
储存温度
Storage temperature range
TSTG
-40~+150
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTICS
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-220
TO-263
TO-262
IPAKM
DPAKM
TO-220HF
Rth(j-c)
1.9
1.9
1.9
2.3
2.3
2.5
/W
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
Tj =25℃
10
µA
IR
Tj =125℃
VR=VRRM
5
mA
Tj =25℃
0.78
0.85
V
VF
Tj =125℃
IF=10A
0.65
0.7
V


Similar Part No. - HBR20100SS

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR20100 JSMC-HBR20100 Datasheet
567Kb / 8P
   SCHOTTKY BARRIER DIODE
HBR20100A JSMC-HBR20100A Datasheet
387Kb / 6P
   SCHOTTKY BARRIER DIODE
HBR20100AHF JSMC-HBR20100AHF Datasheet
387Kb / 6P
   SCHOTTKY BARRIER DIODE
HBR20100AHFR JSMC-HBR20100AHFR Datasheet
387Kb / 6P
   SCHOTTKY BARRIER DIODE
HBR20100AZ JSMC-HBR20100AZ Datasheet
387Kb / 6P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - HBR20100SS

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com