Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP720 Datasheet(PDF) 4 Page - Littelfuse

Part # SP720
Description  TVS Diode Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720 Datasheet(HTML) 4 Page - Littelfuse

  SP720 Datasheet HTML 1Page - Littelfuse SP720 Datasheet HTML 2Page - Littelfuse SP720 Datasheet HTML 3Page - Littelfuse SP720 Datasheet HTML 4Page - Littelfuse SP720 Datasheet HTML 5Page - Littelfuse SP720 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TVS Diode Arrays
236
www .littelfuse .com
SP720
Electronic Protection Array for ESD and Overvoltage Protection
Peak Transient Current Capability of the SP720
The peak transient current capability rises sharply as the width of the
current pulse narrows. Destructive testing was done to fully evaluate the
SP720’s ability to withstand a wide range of transient current pulses. The
circuit used to generate current pulses is shown in Figure 5.
The test circuit of Figure 5 is shown with a positive pulse input. For a
negative pulse input, the (-) current pulse input goes to an SP720 ‘IN’
input pin and the (+) current pulse input goes to the SP720 V- pin. The
V+ to V- supply of the SP720 must be allowed to float. (i.e., It is not tied
to the ground reference of the current pulse generator.) Figure 6 shows
the point of overstress as defined by increased leakage in excess of the
data sheet published limits.
The maximum peak input current capability is dependent on the V+ to V-
voltage supply level, improving as the supply voltage is reduced. Values
of 0, 5, 15 and 30 voltages are shown. The safe operating range of the
transient peak current should be limited to no more than 75% of the
measured overstress level for any given pulse width as shown in Figure 6.
When adjacent input pins are paralleled, the sustained peak current
capability is increased to nearly twice that of a single pin. For compari-
son, tests were run using dual pin combinations 1+2, 3+4, 5+6, 7+9,
10+11, 12+13 and 14+15.
The overstress curve is shown in Figure 6 for a 15V supply condition. The
dual pins are capable of 10A peak current for a 10µs pulse and 4A peak
current for a 1ms pulse. The complete for single pulse peak current vs.
pulse width time ranging up to 1 second are shown in Figure 6.
+
-
CURRENT
SENSE
VOLTAGE
PROBE
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN
IN
IN
IN
IN
IN
V-
IN
V+
IN
IN
IN
IN
IN
IN
IN
+
-
R1 ~ 10Ω TYPICAL
SP720
VG
VG ADJ. 10V/A TYPICAL
R1
(-)
(+)
C1
~ 100µF
C1
VARIABLETIME DURATION
CURRENT PULSE GENERATOR
FIGURE 5. TYPICAL SP720 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLEPULSE WIDTH INPUT
0.001
0.01
0.1
1
PULSE WIDTH TIME (ms)
10
7
6
5
4
3
2
1
0
0V
5V
15V
V+ TO V- SUPPLY
100
1000
10
9
30V
15V
CAUTION: SAFE OPERATING CONDITIONS LIMIT
OF THE VALUES SHOWN ON EACH CURVE.
PULSE WIDTH TO BE NO GREATER THAN 75%
THE MAXIMUM PEAK CURRENT FOR A GIVEN
SINGLE PIN STRESS CURVES
DUAL PIN STRESS CURVE
8
FIGURE 6. SP720 TYPICAL SINGLE PULSE PEAK CURRENT CURVES SHOWING THE MEASURED POINT OF OVER-STRESS IN
AMPERES vs PULSE TIME IN MILLISECONDS (TA = 25
oC)


Similar Part No. - SP720

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
DB Unlimited.
SP720308-1 DBUNLIMITED-SP720308-1 Datasheet
562Kb / 1P
   Released from Engineering
logo
Harris Corporation
SP720AB HARRIS-SP720AB Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
logo
Littelfuse
SP720AB LITTELFUSE-SP720AB Datasheet
102Kb / 6P
   TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
   SP720 Series 3pF 4kV Rail Clamp Array
More results

Similar Description - SP720

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
   TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
   TVS Diode Arrays
logo
Littelfuse
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDNBS08-SMDA05-6 BOURNS-CDNBS08-SMDA05-6 Datasheet
289Kb / 4P
   Capacitance TVS Diode Arrays
logo
Littelfuse
SP406017 LITTELFUSE-SP406017 Datasheet
940Kb / 4P
   TVS Diode Arrays (SPA짰 Diodes)
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com