Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3A225K025C4000AS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TP3A225K025C4000AS
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3A225K025C4000AS Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TP3A225K025C4000AS Datasheet HTML 2Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 3Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 4Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 5Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 6Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 7Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 8Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 9Page - Vishay Siliconix TP3A225K025C4000AS Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TP3
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
6
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +85 °C; 7 VDC AT 125 °C
15
A
TP3A156(1)010(2)2900AS
1.5
6
2.900
0.16
15
A
TP3A156(1)010(2)2000AS
1.5
6
2.000
0.19
15
B
TP3B156(1)010(2)2000AS
1.5
6
2.000
0.21
15
B
TP3B156(1)010(2)1200AS
1.5
6
1.200
0.27
15
B
TP3B156(1)010(2)0700AS
1.5
6
0.700
0.35
15
C
TP3C156(1)010(2)1800AS
1.5
6
1.800
0.25
15
C
TP3C156(1)010(2)0500AS
1.5
6
0.500
0.47
22
A
TP3A226(1)010(2)2500AS
2.2
8
2.500
0.17
22
A
TP3A226(1)010(2)1500AS
2.2
8
1.500
0.22
22
B
TP3B226(1)010(2)1900AS
2.2
6
1.900
0.21
22
B
TP3B226(1)010(2)0700AS
2.2
6
0.700
0.35
22
B
TP3B226(1)010(2)0600AS
2.2
6
0.600
0.38
22
C
TP3C226(1)010(2)1500AS
2.2
6
1.500
0.27
22
C
TP3C226(1)010(2)0400AS
2.2
6
0.400
0.52
22
C
TP3C226(1)010(2)0345AS
2.2
6
0.345
0.56
22
C
TP3C226(1)010(2)0245AS
2.2
6
0.245
0.67
33
B
TP3B336(1)010(2)1900AS
3.3
6
1.900
0.21
33
B
TP3B336(1)010(2)1500AS
3.3
6
1.500
0.24
33
B
TP3B336(1)010(2)0600AS
3.3
6
0.600
0.38
33
C
TP3C336(1)010(2)1400AS
3.3
6
1.400
0.28
33
C
TP3C336(1)010(2)0600AS
3.3
6
0.600
0.28
33
C
TP3C336(1)010(2)0300AS
3.3
6
0.300
0.61
33
D
TP3D336(1)010(3)0800AS
3.3
6
0.800
0.43
33
D
TP3D336(1)010(3)0250AS
3.3
6
0.250
0.77
47
B
TP3B476(1)010(2)1800AS
4.7
6
1.800
0.22
47
B
TP3B476(1)010(2)0600AS
4.7
6
0.600
0.38
47
C
TP3C476(1)010(2)1100AS
4.7
6
1.100
0.32
47
C
TP3C476(1)010(2)0300AS
4.7
6
0.300
0.61
47
D
TP3D476(1)010(3)0700AS
4.7
6
0.700
0.46
47
D
TP3D476(1)010(3)0200AS
4.7
6
0.200
0.87
68
C
TP3C686(1)010(2)1000AS
6.8
6
1.000
0.33
68
C
TP3C686(1)010(2)0275AS
6.8
6
0.275
0.63
68
D
TP3D686(1)010(3)0700AS
6.8
6
0.700
0.46
68
D
TP3D686(1)010(3)0150AS
6.8
6
0.150
1.00
100
C
TP3C107(1)010(2)0900AS
10.0
8
0.900
0.35
100
C
TP3C107(1)010(2)0250AS
10.0
8
0.250
0.66
100
C
TP3C107(1)010(2)0200AS
10.0
8
0.200
0.74
100
D
TP3D107(1)010(3)0600AS
10.0
8
0.600
0.50
100
D
TP3D107(1)010(3)0150AS
10.0
8
0.150
1.00
100
D
TP3D107(1)010(3)0100AS
10.0
8
0.100
1.22
100
D
TP3D107(1)010(3)0080AS
10.0
8
0.080
1.37
150
D
TP3D157(1)010(3)0600AS
15.0
8
0.600
0.50
150
D
TP3D157(1)010(3)0100AS
15.0
8
0.100
1.22
150
E
TP3E157(1)010(3)0500AS
15.0
8
0.500
0.57
150
E
TP3E157(1)010(3)0100AS
15.0
8
0.100
1.28
220
D
TP3D227(1)010(3)0600AS
22.0
8
0.600
0.50
220
D
TP3D227(1)010(3)0125AS
22.0
8
0.125
1.10
220
D
TP3D227(1)010(3)0100AS
22.0
8
0.100
1.22
220
E
TP3E227(1)010(3)0500AS
22.0
8
0.500
0.57
220
E
TP3E227(1)010(3)0100AS
22.0
8
0.100
1.28
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Terminations and packaging codes: C, D, E, F, U, V, T, W


Similar Part No. - TP3A225K025C4000AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3A225 VISHAY-TP3A225 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
More results

Similar Description - TP3A225K025C4000AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com