Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3B475K016C0800 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TR3B475K016C0800
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B475K016C0800 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TR3B475K016C0800 Datasheet HTML 7Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 8Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 9Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 10Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 11Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 12Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 13Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 14Page - Vishay Siliconix TR3B475K016C0800 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
11
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT +85 °C; 10 VDC AT +125 °C
33
B
TR3B336(1)016(2)0700
5.3
6
0.700
0.35
33
B
TR3B336(1)016(2)0500
5.3
6
0.500
0.41
33
B
TR3B336(1)016(2)0350
5.3
6
0.350
0.49
33
C
TR3C336(1)016(2)0300
5.3
6
0.300
0.61
33
C
TR3C336(1)016(2)0225
5.3
6
0.225
0.70
33
D
TR3D336(1)016(4)0250
5.3
6
0.250
0.77
33
D
TR3D336(1)016(4)0225
5.3
4
0.225
0.82
33
D
TR3D336(1)016(4)0150
5.3
6
0.150
1.00
47
C
TR3C476(1)016(2)0500
7.5
6
0.500
0.47
47
C
TR3C476(1)016(2)0350
7.5
6
0.350
0.56
47
C
TR3C476(1)016(2)0300
7.5
6
0.300
0.61
47
D
TR3D476(1)016(4)0200
7.5
6
0.200
0.87
47
D
TR3D476(1)016(4)0150
7.5
6
0.150
1.00
47
D
TR3D476(1)016(4)0120
7.5
6
0.120
1.12
47
D
TR3D476(1)016(4)0100
7.5
6
0.100
1.22
47
D
TR3D476(1)016(5)0080
7.5
6
0.080
1.37
47
D
TR3D476(1)016(5)0070
7.5
6
0.070
1.46
68
D
TR3D686(1)016(4)0150
10.9
6
0.150
1.00
68
D
TR3D686(1)016(4)0100
10.9
6
0.100
1.22
68
D
TR3D686(1)016(5)0070
10.9
6
0.070
1.46
100
D
TR3D107(1)016(4)0150
16.0
8
0.150
1.00
100
D
TR3D107(1)016(4)0125
16.0
8
0.125
1.10
100
D
TR3D107(1)016(4)0100
16.0
8
0.100
1.22
100
D
TR3D107(1)016(5)0075
16.0
8
0.075
1.41
100
E
TR3E107(1)016(4)0150
16.0
8
0.150
1.05
100
E
TR3E107(1)016(4)0125
16.0
8
0.125
1.15
100
E
TR3E107(1)016(4)0100
16.0
8
0.100
1.28
100
V
TR3V107(1)016(5)0150
16.0
10
0.150
0.91
100
V
TR3V107(1)016(5)0100
16.0
10
0.100
1.12
150
D
TR3D157(1)016(4)0400
24.0
8
0.400
0.61
150
D
TR3D157(1)016(4)0150
24.0
8
0.150
1.00
150
D
TR3D157(1)016(4)0125
24.0
8
0.125
1.10
150
D
TR3D157(1)016(4)0100
24.0
8
0.100
1.22
150
D
TR3D157(1)016(4)0085
24.0
8
0.085
1.33
150
D
TR3D157(1)016(5)0075
24.0
8
0.075
1.41
150
D
TR3D157(1)016(5)0060
24.0
8
0.060
1.58
150
E
TR3E157(1)016(4)0400
24.0
8
0.400
0.64
150
E
TR3E157(1)016(4)0150
24.0
8
0.150
1.05
150
E
TR3E157(1)016(4)0100
24.0
8
0.100
1.28
150
E
TR3E157(1)016(5)0075
24.0
8
0.075
1.48
150
E
TR3E157(1)016(5)0060
24.0
8
0.060
1.66
150
W
TR3W157(1)016(5)0075
24.0
10
0.075
1.83
150
W
TR3W157(1)016(5)0060
24.0
10
0.060
2.04
220
E
TR3E227(1)016(4)0150
35.2
14
0.150
1.05
220
E
TR3E227(1)016(4)0125
35.2
14
0.125
1.15
220
E
TR3E227(1)016(4)0100
35.2
14
0.100
1.28
20 VDC AT +85 °C; 13 VDC AT +125 °C
1.0
A
TR3A105(1)020(2)5500
0.5
4
5.500
0.12
1.0
A
TR3A105(1)020(2)3000
0.5
4
3.000
0.16
1.5
A
TR3A155(1)020(2)3000
0.5
6
3.000
0.16
2.2
A
TR3A225(1)020(2)4000
0.5
6
4.000
0.14
2.2
A
TR3A225(1)020(2)3000
0.5
6
3.000
0.16
3.3
A
TR3A335(1)020(2)4000
0.7
6
4.000
0.14
3.3
B
TR3B335(1)020(2)1300
0.7
6
1.300
0.26
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U


Similar Part No. - TR3B475K016C0800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3B475 VISHAY-TR3B475 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
More results

Similar Description - TR3B475K016C0800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com