Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6027424 Datasheet(PDF) 2 Page - SICK AG

Part # 6027424
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6027424 Datasheet(HTML) 2 Page - SICK AG

  6027424 Datasheet HTML 1Page - SICK AG 6027424 Datasheet HTML 2Page - SICK AG 6027424 Datasheet HTML 3Page - SICK AG 6027424 Datasheet HTML 4Page - SICK AG 6027424 Datasheet HTML 5Page - SICK AG 6027424 Datasheet HTML 6Page - SICK AG 6027424 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VTE18L-4N344 | V18 Laser
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
VTE18L-4N344
6027424
Other models and accessories
www.sick.com/V18_Laser
Detailed technical data
Features
Sensor/ detection principle
Photoelectric proximity sensor, energetic
Housing design (light emission)
Cylindrical, angled
Housing length
107.7 mm
Thread diameter (housing)
M18 x 1
Optical axis
Radial
Sensing range max.
2 mm ... 250 mm 1)
Sensing range
5 mm ... 200 mm
Focus
 2)
Type of light
Visible red light
Light source
Laser 3)
Light spot size (distance)
Ø 5 mm (200 mm)
Wave length
650 nm
Laser class
1 (IEC 60825-1)
Laser power output
0.4 mW
Adjustment
Cable (Sensing range) 4)
Single teach-in button (Sensing range) 5)
1) Object with 90 % reflectance (referred to standard white, DIN 5033).
2) Focused, focus at 100 mm.
3) Average service life: 100,000 h at TU = +25 °C.
4) Electronically via control input C (0 V).
5) Manual, via teach-in button.
Communication interface
Communication interface
-
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Similar Part No. - 6027424

ManufacturerPart #DatasheetDescription
logo
SICK AG
6027420 SICK-6027420 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
6027422 SICK-6027422 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 6027424

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com