Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20IMX4 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # 20IMX4
Description  4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

20IMX4 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button 20IMX4 Datasheet HTML 4Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 5Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 6Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 7Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 8Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 9Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 10Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 11Page - Bel Fuse Inc. 20IMX4 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 11 of 12
MELCHER
The Power Partners.
Safety and Installation Instructions
Installation Instruction
Installation of the dc-dc converters must strictly follow the
national safety regulations in compliance with the enclosure,
mounting, creepage, clearance, casualty, markings and
segregation requirements of the end-use application.
Connection to the system shall be made via a printed circuit
board; see Mechanical Data.
The converters should be connected to a secondary circuit.
Do not open the converter.
Ensure that a converter failure does not result in a hazardous
condition.
To prevent excessive current flowing through the input lines in
case of a short-circuit, an external fuse specified in table 6
should be installed in the non-earthed input supply line.
Pin Allocation
Fig. 18
Foot print
Table 12: Pin allocation for standard and option Z
Pin
Single-output models
Dual-output models
2Vi–
Vi–
3Vi–
Vi–
10
n.c.
--
11
--
Vo–
14
Vo+
Vo+
16
Vo–
Go
22
Vi+
Vi+
23
Vi+
Vi+
Table 13: Pin allocation for option K
Pin
Single-output models
Dual-output models
1Vi+
Vi+
2
n.c.
--
10
--
Go
11
--
Go
12
Vo–
--
13
Vo+
Vo–
15
--
Vo+
24
Vi–
Vi–
Table 14: Electric strength test voltages
Characteristic
Input to output
Unit
5IMX4
20/40IMX4 70IMX4
Factory test >1 s
0.77
1.5 1
1.5
kVAC
Equivalent DC test voltage
1.0
2.0 1
2.0
kVDC
Coupling capacitance
2.2
typ. 1.1
typ. 1.1
nF
Insulation resist. (500 VDC)
--
>100
>100
M
1
Converters produced 2013 or later; older units were tested with
1.2 kVAC.
1
12
13
24
10013b
Bottom view
Standards and Approvals
The converters are approved according to UL/CSA 60950-1 and
IEC/EN 60950 -1 2nd Edition.
The converters have been evaluated for:
• Building-in
• Basic insulation input to output, based on their maximum
input voltage
• Pollution degree 2 environment
• Connecting the input to a secondary circuit, which is subject
to a maximum transient rating of 1500 V for 20IMX4 and
40IMX4, and 2000 V for 70IMX4 models.
The converters are subject to manufacturing surveillance in
accordance with the above mentioned standards and with ISO
9001:2008.
Railway Applications
To comply with railway standards, all components are coated
with a protective lacquer (except option Z).
Protection Degree and Cleaning Liquids
The protection degree of the converters (except opt. Z) is IP 40
for models with Revision BA (or later). Older models have IP 30.
In order to avoid possible damage, any penetration of cleaning
fluids should be prevented, since the power supplies are not
hermetically sealed.
However, open-frame models (option Z) leave the factory
unlacquered; they may be lacquered by the customer, for
instance together with the mother board. Cleaning agents are
not permitted – except washing at room temperature with
isopropyl alcohol. If necessary, the mother board must be
cleaned, before fitting the open-frame converter.
Note: Cleaning liquids may damage the adhesive joints of the
ferrite cores.
Isolation
The electric strength test is performed in the factory as a routine
test in accordance with EN 50514 and IEC/EN 60950. The
Company will not honor any warranty claims resulting from
incorrectly executed electric strength field tests.


Similar Part No. - 20IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4 POWER-ONE-20IMX4 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4 POWER-ONE-20IMX4 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4 BEL-20IMX4 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-03-9 POWER-ONE-20IMX4-03-9 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
More results

Similar Description - 20IMX4

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com