Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1052191 Datasheet(PDF) 6 Page - SICK AG

Part # 1052191
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1052191 Datasheet(HTML) 6 Page - SICK AG

  1052191 Datasheet HTML 1Page - SICK AG 1052191 Datasheet HTML 2Page - SICK AG 1052191 Datasheet HTML 3Page - SICK AG 1052191 Datasheet HTML 4Page - SICK AG 1052191 Datasheet HTML 5Page - SICK AG 1052191 Datasheet HTML 6Page - SICK AG 1052191 Datasheet HTML 7Page - SICK AG 1052191 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VL180-2P42436P01 | V180-2
PHOTOELECTRIC SENSORS
Sensing range diagram
VL180-2, 7 m, axial
0
2
(6.56)
3
(9.84)
1
(3.28)
4
(13.12)
5
(16.40)
6
(19.69)
7
(22.97)
8
(26.25)
5
6
4
3
2
1
Distance in m (feet)
Sensing range
3
1.8
2.2
2.3
4.5
6
6
7
Sensing range max.
0.1
0.05
0.05
1.4
3.5
4.5
0.05
0.05
0.05
1.8
①  Reflector PL80A
②  Reflector P250, PL40A, PL50A, C110A
③  Reflector PL30A, PL31A
④  Reflector PL20A
⑤  P45
⑥  Reflective tape Diamond Grade
Dimensional drawing (Dimensions in mm (inch))
VL180-2, plastic, axial
70.2 (2.77)
6
62.9 (2.48)
34 (1.34)
2 (0.08)
56.8 (2.24)
0.4 (0.02)
0.4 (0.02)
7
(0.28)
7
(0.28)
2
(0.08)
9.3
(0.37)
34 (1.34)
60.5 (2.38)
60.5 (2.38)
2 (0.08)
56.8 (2.24)
22
(0.87)
22
(0.87)
2
3
4
5
6
1
3
4
5
①  M12 male device connector, 4-pin
②  Connection cable 2 m
③  Sensitivity control (potentiometer, 270°)
④  LED indicator orange: switching output active
⑤  LED indicator green: strength indicator
⑥  Fastening nuts (2 x); A/F 22, PC
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Similar Part No. - 1052191

ManufacturerPart #DatasheetDescription
logo
SICK AG
1052192 SICK-1052192 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
1052193 SICK-1052193 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - 1052191

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com