Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6027430 Datasheet(PDF) 6 Page - SICK AG

Part # 6027430
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6027430 Datasheet(HTML) 6 Page - SICK AG

  6027430 Datasheet HTML 1Page - SICK AG 6027430 Datasheet HTML 2Page - SICK AG 6027430 Datasheet HTML 3Page - SICK AG 6027430 Datasheet HTML 4Page - SICK AG 6027430 Datasheet HTML 5Page - SICK AG 6027430 Datasheet HTML 6Page - SICK AG 6027430 Datasheet HTML 7Page - SICK AG 6027430 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VL18L-4P324 | V18 Laser
PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
Axial
14
(0.55)
19.2
(0.76)
57.5 (2.26)
97.7 (3.85)
1
2
3 4
5
7
(0.28)
①  M12 male device connector, 4-pin
②  Sensitivity setting: single teach-in button
③  Green LED indicator: VS Supply voltage feed
④  Yellow LED indicator:- lights continuously:Reception signal> reserve factor 2- blinks: Reception signal< reserve factor 2 but > switching thresh-
old 1
⑤  Fastening nuts (2 x); width across 24, metal(included with delivery)
Recommended accessories
Other models and accessories
www.sick.com/V18_Laser
Brief description
Type
Part no.
Universal bar clamp systems
Plate N06 for universal clamp bracket, M18, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N06
2051612
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Fine triple reflector, screw connection, suitable for laser sensors, 47 mm x 47 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
P250F
5308843
Fine triple reflector, screw connection, suitable for laser sensors, 18 mm x 18 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL10F
5311210
Fine triple reflector, screw connection, suitable for laser sensors, 38 mm x 16 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL20F
5308844
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Similar Part No. - 6027430

ManufacturerPart #DatasheetDescription
logo
SICK AG
6027432 SICK-6027432 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
6027434 SICK-6027434 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
6027436 SICK-6027436 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 6027430

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com