Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3C107K010C0150 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TR3C107K010C0150
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3C107K010C0150 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TR3C107K010C0150 Datasheet HTML 5Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 6Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 7Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 8Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 9Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 10Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 11Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 12Page - Vishay Siliconix TR3C107K010C0150 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
9
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +85 °C; 7 VDC AT +125 °C
68
B
TR3B686(1)010(2)1500
6.8
14
1.500
0.24
68
B
TR3B686(1)010(2)0900
6.8
14
0.900
0.31
68
B
TR3B686(1)010(2)0750
6.8
14
0.750
0.34
68
B
TR3B686(1)010(2)0600
6.8
14
0.600
0.38
68
C
TR3C686(1)010(2)0300
6.8
6
0.300
0.61
68
C
TR3C686(1)010(2)0275
6.8
6
0.275
0.63
68
C
TR3C686(1)010(2)0225
6.8
6
0.225
0.70
68
C
TR3C686(1)010(2)0200
6.8
6
0.200
0.74
68
D
TR3D686(1)010(4)0200
6.8
6
0.200
0.87
68
D
TR3D686(1)010(4)0150
6.8
6
0.150
1.00
68
D
TR3D686(1)010(4)0100
6.8
6
0.100
1.22
68
D
TR3D686(1)010(5)0070
6.8
6
0.070
1.46
68
E
TR3E686(1)010(4)0150
6.8
4
0.150
1.05
68
V
TR3V686(1)010(5)0700
6.8
6
0.700
0.42
68
V
TR3V686(1)010(5)0300
6.8
6
0.300
0.65
68
V
TR3V686(1)010(5)0200
6.8
6
0.200
0.79
68
V
TR3V686(1)010(5)0140
6.8
6
0.140
0.94
68
V
TR3V686(1)010(5)0100
6.8
6
0.100
1.12
100
B
TR3B107M010(2)1400
10.0
25
1.400
0.25
100
C
TR3C107(1)010(2)0200
10.0
8
0.200
0.74
100
C
TR3C107(1)010(2)0150
10.0
8
0.150
0.86
100
C
TR3C107(1)010(2)0100
10.0
8
0.100
1.05
100
D
TR3D107(1)010(4)0150
10.0
6
0.150
1.00
100
D
TR3D107(1)010(4)0100
10.0
6
0.100
1.22
100
D
TR3D107(1)010(4)0080
10.0
6
0.080
1.37
100
D
TR3D107(1)010(5)0070
10.0
6
0.070
1.52
100
D
TR3D107(1)010(5)0065
10.0
6
0.065
1.46
100
D
TR3D107(1)010(5)0050
10.0
6
0.050
1.73
100
E
TR3E107(1)010(4)0125
10.0
6
0.125
1.15
100
E
TR3E107(1)010(4)0150
10.0
6
0.150
1.05
100
E
TR3E107(1)010(4)0100
10.0
6
0.100
1.28
100
V
TR3V107(1)010(5)0400
10.0
8
0.400
0.56
100
V
TR3V107(1)010(5)0200
10.0
8
0.200
0.79
100
V
TR3V107(1)010(5)0150
10.0
8
0.150
0.91
150
C
TR3C157(1)010(2)0500
15.0
20
0.500
0.47
150
D
TR3D157(1)010(4)0150
15.0
8
0.150
1.00
150
D
TR3D157(1)010(4)0100
15.0
8
0.100
1.22
150
D
TR3D157(1)010(4)0075
15.0
8
0.075
1.41
150
D
TR3D157(1)010(5)0070
15.0
8
0.070
1.46
150
D
TR3D157(1)010(5)0050
15.0
8
0.050
1.73
150
E
TR3E157(1)010(4)0100
15.0
8
0.100
1.28
150
E
TR3E157(1)010(4)0080
15.0
8
0.080
1.44
220
D
TR3D227(1)010(4)0150
22.0
8
0.150
1.00
220
D
TR3D227(1)010(4)0125
22.0
8
0.125
1.10
220
D
TR3D227(1)010(4)0100
22.0
8
0.100
1.22
220
D
TR3D227(1)010(5)0050
22.0
8
0.050
1.73
220
E
TR3E227(1)010(4)0150
22.0
8
0.150
1.05
220
E
TR3E227(1)010(4)0100
22.0
8
0.100
1.28
220
E
TR3E227(1)010(5)0070
22.0
8
0.070
1.54
220
E
TR3E227(1)010(5)0060
22.0
8
0.060
1.66
220
E
TR3E227(1)010(5)0050
22.0
8
0.050
1.82
220
V
TR3V227(1)010(5)0200
30.0
12
0.200
0.79
220
V
TR3V227(1)010(5)0150
30.0
12
0.150
0.91
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U


Similar Part No. - TR3C107K010C0150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3C107 VISHAY-TR3C107 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3C1070040225 VISHAY-TR3C1070040225 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3C107100420225 VISHAY-TR3C107100420225 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3C107K010C0150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com