Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110IMY15-24-24-8G Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 110IMY15-24-24-8G
Description  15 Watt DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

110IMY15-24-24-8G Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 110IMY15-24-24-8G Datasheet HTML 6Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 7Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 8Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 9Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 10Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 11Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 12Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 13Page - Bel Fuse Inc. 110IMY15-24-24-8G Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 10 of 19
MELCHER
The Power Partners.
able 7c: Output data for double-output models; general conditions as in table 7a
Output
2
××××× 5 V
2
××××× 12 V
2
××××× 15 V
2
××××× 24 V
Unit
Characteristics
Conditions
min
typ
max min
typ max
min typ max
min typ
max
Vo1
Output 1
24IMS/48IMS
Vi nom
4.95
5.05 11.88
12.12 14.85
15.15 23.70
24.30
V
other models
Io = 0.5 Io nom
4.95
5.05 11.90
12.10 14.88
15.12 23.80
24.20
Vo2
Output 2
24IMS/48IMS
4.94
5.06 11.84
12.16 14.80
15.20 23.64
24.36
other models
4.94
5.06 11.88
12.12 14.85
15.15 23.75
24.25
Io nom
Output current 1
20IMX
Vi min – Vi max
2
××××× 1.3
2
××××× 0.65
2
××××× 0.50
2
××××× 0.32
A
other models
2
××××× 1.4
2
××××× 0.70
2
××××× 0.56
2
××××× 0.35
IoL
Current limit 2, 4
20IMX
Vi nom
3.0
1.6
1.3
0.85
24IMS/48IMS
Vo1 ≤ 93% Vo nom
3.5
1.9
1.6
0.95
40IMX/110IMY
3.2
1.7
1.4
0.90
∆V
o1
Line/load regulation 8 output 1
Vi min – Vi max, Io nom
±1
±1
±1
±1
%
∆V
o2
output 2
Vi nom, (0.1 – 1) Io nom
±3
±3
±3
±3
Vo1/2
Output voltage noise
Vi min – Vi max
5
80
120
150
240
mVpp
Io = Io nom
6
40
60
70
120
Vo L
Output overvoltage limit 7 8
Min. load 1%
115
130
115
130
115
130
115
130
%
Co ext
Admissible capacitive load 3
0
4000
0
680
0
470
0
180
µ F
Vo d
Dynamic
Voltage deviat.
Vi nom
±250
±300
±300
±600
mV
to d
load
Recovery time
Io nom 1/2 Io nom
11
1
1
ms
regulation
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
±0.02
±0.02
%/K
∆V
o /∆TC
(0.1 – 1) Io nom
1
Flexible load distribution: Each output of double-output models is capable of delivering 75% of the total output power; however the total
load should not exceed Po nom specified in the table Model Selection.
2
The current limit is primary-side controlled.
3
Measured with both outputs connected in parallel.
4
Conditions for specified output. Other output loaded with constant current Io = 0.5 Io nom.
5
BW = 20 MHz
6
Measured with a probe according to EN 61204
7
The overvoltage protection is via a primary side second regulation loop, not tracking with Trim or R control.
8
At start-up occurs a short overshoot at the output.


Similar Part No. - 110IMY15-24-24-8G

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMY15-24-24-8 POWER-ONE-110IMY15-24-24-8 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 110IMY15-24-24-8G

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com