Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2848PWP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2848PWP
Description  SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2848PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2848PWP Datasheet HTML 5Page - Texas Instruments TPS2848PWP Datasheet HTML 6Page - Texas Instruments TPS2848PWP Datasheet HTML 7Page - Texas Instruments TPS2848PWP Datasheet HTML 8Page - Texas Instruments TPS2848PWP Datasheet HTML 9Page - Texas Instruments TPS2848PWP Datasheet HTML 10Page - Texas Instruments TPS2848PWP Datasheet HTML 11Page - Texas Instruments TPS2848PWP Datasheet HTML 12Page - Texas Instruments TPS2848PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A – MARCH 2001 – REVISED JUNE 2001
9
www.ti.com
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 12 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted) (continued)
digital control (IN, ENABLE, SYNC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
High level input voltage
IN
Over full VCC range
2
V
VIH
High-level input voltage
ENABLE, SYNC
Over full VCC range
2.2
V
V
Low level input voltage
IN
Over full VCC range
1
V
VIL
Low-level input voltage
ENABLE, SYNC
Over full VCC range
1
V
ENABLE propagation delay time
See Note 2
2
7
µs
NOTE 2: Ensured by design, not production tested.
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown
See Note 2
155
170
185
_C
td
Falling edge delay time
See Note 2
10
20
µs
NOTE 2: Ensured by design, not production tested.
drive regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Recommended output voltage
4
14
V
VO
Output voltage
VCC = 10 V to 15 V,
IO = 5 mA to 150 mA
–2
2
%nom
Vref
Reference voltage
VCC = 10 V to 15 V
1.235
V
Dropout voltage
VCC = 10 V,
IO = 150 mA
See Note 2
1000
1100
mV
Line regulation
VCC = 10 V to 15 V,
IO = 5 mA
0.2
%/V
Load regulation
VCC = 10 V,
IO = 5 mA to 150 mA
2
%
Current limit
VCC = 8 V
0.5
0.6
A
PWRRDY saturation voltage
IO = 5 mA
0.8
V
Ilkg
Leakage current
VI(PWRRDY) = 4.5 V
1
µA
drive regulator undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold voltage
See Note 2
85
%Vref
Stop threshold voltage
See Note 2
80
%Vref
Vhys
Hysteresis voltage
See Note 2
2.5
5
%Vref
tpd
Propagation delay time
50-mV overdrive,
See Note 2
300
1000
ns
Falling-edge delay time
See Note 2
2
5
µs
Power on reset time
See Note 2
100
1000
µs
NOTE 2: Ensured by design, not production tested.


Similar Part No. - TPS2848PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2848 TI1-TPS2848 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2848PWP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com