Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMBL1S Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # HMBL1S
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HMBL1S Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  HMBL1S Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HMBL1S Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd HMBL1S Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd HMBL1S Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HMBL1S THRU HMBL10S 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S840
Rev. 1.0, 21-Jul-16
www.21yangjie.com
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
HMBL1S
HMBL2S
HMBL3S
HMBL4S
HMBL6S 
HMBL8S
HMBL10S
Thermal
Resistance
Between junction and
ambient, On alumina
substrate
RθJ-A
/W
76
Between junction and
ambient, On glass-
epoxi substrate
RθJ-A
134
Between junction and
lead
RθJ-L
20
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
HMBL1S-HMBL10S
F1
Approximate 0.083
4000
8000
64000
13’ reel
■ Characteristics(Typical)
`
020
40
60
80
100
0.1
1.0
10
100
1000
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
0.2
0.4
0.6
0.8
1.0
1.4
0.01
0.02
0.05
FIG3: Forward Voltage
0.1
10
100
1.0
Ta=25℃
Pulse
Width=300us
1% Duty
Cycle
Instantaneous Forward Voltage(V)
1.6
HMBL1S-2S
HMBL3S-4S
HMBL6S-10S
0
0
0.2
FIG1:Io-Ta Curve
160
40
80
120
0.4
0.6
0.8
1.0
1.2
①②
soldering land
1mm×1mm
1mm×1mm
conductor layer
35um
20um
substrate thickness
0.64mm
①.on glass-epoxi substrate
②.on alumina substrate
Ambient Temperature(°C)
1
0
2
5
10
20
50
100
5
half sine wave
non-repetitive
Tj=25
FIG2:Surge Forward Current Capability
Number of Cycles
0
8.3ms
1cycle
8.3ms
10
15
20
25
30
35


Similar Part No. - HMBL1S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HMB MACOM-HMB Datasheet
86Kb / 2P
   HALF SIZE HIGH PERFORMANCE RELAYS
HMB MACOM-HMB Datasheet
101Kb / 3P
   HALF SIZE HIGH PERFORMANCE RELAYS
logo
Lanner All Rights Reser...
HMB-1010 LANNER-HMB-1010 Datasheet
136Kb / 1P
   x86 Control Board for HLM-1020
HMB-6110 LANNER-HMB-6110 Datasheet
1Mb / 2P
   High Availability Chassis 2U Telecom Network Appliance with 2 x86 CPU Blades and 2 I/O Blades
HMB-6110 LANNER-HMB-6110 Datasheet
698Kb / 2P
   High Availability Chassis 4U Telecom Network Appliance with 4 x86 CPU Blades and 2x Switch blades for redundancy, Storage blades with 10x NVMe SSD or Network blades
More results

Similar Description - HMBL1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com