Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24IMS15-05-05-9 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # 24IMS15-05-05-9
Description  15 Watt DC-DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

24IMS15-05-05-9 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button 24IMS15-05-05-9 Datasheet HTML 5Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 6Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 7Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 8Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 9Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 10Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 11Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 12Page - Bel Fuse Inc. 24IMS15-05-05-9 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 9 of 19
MELCHER
The Power Partners.
Table 7b: Output data for -05-8R and -0503-8R models; general conditions as in table 7a
Output
5.1 V
5.1/3.3 V
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
Vo, Vo1 Output voltage
Vi nom
5.05
5.15
5.0
5.12
V
Vo2
Io = 0.5 Io nom
3.13
3.46
Io nom
Output current 1
20IMX Vi min – Vi max
2.3
2
× 1.35
1.6 4
A
24IMS/48IMS
2.7
2
× 1.6
2.0 4
40IMX/110IMY
2.5
2
× 1.5
1.8 4
IoL, Io1L Current limit 2
20IMX Vi nom
3.2
2.7
Io2L
Vo1 ≤ 93% Vo nom
3.8
IoL, Io1L
24IMS/48IMS
3.5
3.0
Io2L
3.8
IoL/Io1L
40IMX/110IMY
3.6
2.9
Io2L
4.0
∆V
o
Line/load regulation
5.1 V Vi min – Vi max,
±0.5
%
5.1 V
(0.1 – 1) Io nom
+3 / –5
3.3 V
±4.5
Vo1/2
Output voltage noise
Vi min – Vi max
5
70
80
mVpp
Io = Io nom
6
40
40
Vo L
Output overvoltage limit 7
115
130
115
130
%
Co ext
Admissible capacitive load
0
4000
0
4000 3
µF
Vo d
Dynamic
Voltage deviat.
Vi nom
±250
±150
mV
to d
load
Recovery time
Io nom 1/2 Io nom
11
ms
regulation
IEC/EN 61204
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
%/K
∆V
o/∆TC
(0.1 – 1) Io nom
1
Flexible load distribution: Io max for one of the 2 outputs; however the total load should not exceed Po nom specified in the table Model
Selection.
2
The current limit is primary-side controlled.
3
For -0503-models: total capacitive load of both outputs.
4
For -0503-models: Conditions for specified output. Other output loaded with constant current Io = 0.5 Io nom.
5
BW = 20 MHz
6
Measured with a probe according to EN 61204
7
The overvoltage protection is via a primary side second regulation loop. It is not tracking with R control.


Similar Part No. - 24IMS15-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
24IMS15-05-05-9 POWER-ONE-24IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 24IMS15-05-05-9

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com