Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU2502 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GBU2502
Description  Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBU2502 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GBU2502 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBU2502 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBU2502 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBU2502 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBU25005 THRU GBU2510
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B050
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Bridge Rectifier
Features
UL recognition, file #E230084
● Ideal for printed circuit boards
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave
rectification for monitor, TV, printer, power supply, switching
mode power supply, adapter, audio equipment, and home
appliances applications.
Mechanical Data
Package: GBU
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body 
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GBU25005
GBU2501 GBU2502 GBU2504
  GBU2506  GBU2508 GBU2510
Device marking code
GBU25005
GBU2501 GBU2502 GBU2504  GBU2506  GBU2508 GBU2510
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output
current @60Hz sine wave,
R-load
With heatsink
Tc =98℃
IO
A
25
Without heatsink
Ta =25℃
3.5
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
350
Current squared time
@1ms≤t≤8.3ms Tj=25℃, Rating of per diode
I
2t
A
2S
510
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
Dielectric strength
@ terminals to case, AC 1 minute
Vdis
KV
2.5
Mounting torque
@recommend torque:5kg·cm
Tor
kg·cm
8
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
GBU25005
GBU2501 GBU2502 GBU2504
  GBU2506  GBU2508 GBU2510
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=12.5A
1.1
Maximum DC reverse current at
rated DC blocking voltage per
diode
IRRM
μA
VRM=VRRM
10
COMPLIANT
RoHS
~
~


Similar Part No. - GBU2502

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GBU2502 CHENG-YI-GBU2502 Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
GBU2502 DGNJDZ-GBU2502 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBU2502 SECOS-GBU2502 Datasheet
273Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Nanjing International G...
GBU2502 DGNJDZ-GBU2502 Datasheet
1Mb / 3P
   GBU Plastic-Encapulate Bridge Rec tifier
logo
DONGGUAN YOU FENG WEI E...
GBU2502 YFWDIODE-GBU2502 Datasheet
517Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBU2502

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com