Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2839PWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2839PWPR
Description  SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2839PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2839PWPR Datasheet HTML 7Page - Texas Instruments TPS2839PWPR Datasheet HTML 8Page - Texas Instruments TPS2839PWPR Datasheet HTML 9Page - Texas Instruments TPS2839PWPR Datasheet HTML 10Page - Texas Instruments TPS2839PWPR Datasheet HTML 11Page - Texas Instruments TPS2839PWPR Datasheet HTML 12Page - Texas Instruments TPS2839PWPR Datasheet HTML 13Page - Texas Instruments TPS2839PWPR Datasheet HTML 14Page - Texas Instruments TPS2839PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A – MARCH 2001 – REVISED JUNE 2001
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4
RISE TIME
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0
0
50
100
10
125
50
60
20
30
40
25
75
–50
–25
VDRV = 8 V
CL = 3.3 nF
High Side
Low Side
Figure 5
FALL TIME
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
0
0
50
100
5
125
25
30
35
10
15
20
25
75
–50
–25
VDRV = 8 V
CL = 3.3 nF
High Side
Low Side
Figure 6
0
46
8
10
20
LOW-TO-HIGH PROPAGATION DELAY TIME
vs
INPUT VOLTAGE (VDRV)
13
VI – Input Voltage (VDRV) – V
100
120
140
40
60
80
57
9
11
12
200
160
180
15
14
CL = 3.3 nF
TJ = 25°C
Low Side
High Side
Figure 7
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
INPUT VOLTAGE (VDRV)
VI – Input Voltage (VDRV) – V
0
46
8
10
20
13
100
120
140
40
60
80
57
9
11
12
CL = 3.3 nF
TJ = 25°C
15
14
High Side
Low Side


Similar Part No. - TPS2839PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2839 TI1-TPS2839 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2839PWPR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com