Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP110-4001 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # MAP110-4001
Description  Universal Input 85-264 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP110-4001 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  MAP110-4001 Datasheet HTML 1Page - Bel Fuse Inc. MAP110-4001 Datasheet HTML 2Page - Bel Fuse Inc. MAP110-4001 Datasheet HTML 3Page - Bel Fuse Inc. MAP110-4001 Datasheet HTML 4Page - Bel Fuse Inc. MAP110-4001 Datasheet HTML 5Page - Bel Fuse Inc. MAP110-4001 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAP110 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00566_AB
-15V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-14.4V to -15.6V
+15V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
14.4V to 15.6V
MAP110-4200G
+12V
11.55V to
12.45V
5A/9A PK
5A/9A PK
0.2%
0.5%
0.5%
11.96V to 12.03V
+24V
Fixed
4A/4.5A PK
4A/4.5A PK
0.2%
1%
1%
23.94V to 24.06V
-12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.2%
1%
1%
-11.4V to -12.6V
+5V
Fixed
2A/2.5A PK
2A/2.5A PK
0.2%
1.5%
1%
4.75V to 5.25V
MAP110-4300* 5,6
+3.3V
3.2V to 3.4V
12A/20A PK
15A/20A PK
0.3%
0.7%
1%
3.29V to 3.31V
+5V
Fixed
5A/12A PK
8A/12A PK
0.2%
1%
1%
4.98V to 5.02V
-12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-11.4V to -12.6V
+12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
11.4V to 12.6V
MAP110-4305* 5,6
+3.3V
3.2V to 3.4V
12A/15A PK
15A/20A PK
0.3%
0.7%
1%
3.29V to 3.31V
+5V
Fixed
5A/12A PK
8A/12A PK
0.2%
1%
1%
4.98V to 5.02V
-5V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-4.75V to -5.25V
+12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
11.4V to 12.6V
1 With minimum 200LFM forced-air cooling.
2 Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
3 MAP110-1024 output currents are expressed as 24V/28V operation.
4 Peak loads up to 110 watts for 60 seconds or less are acceptable, (10% duty cycle max.). Peak power must not exceed 110 watts.
5 Sum of the output currents of V1 + V2 may not exceed 15 A continuous, 22 A peak.
6 Maximum operating ambient temperature of 40°C
7 Non-G models use lead solder exemption and are not recommended for new designs.
* O
* Obsolete
MODEL/OUTPUT OPTION
MULTIPLE OUTPUT
BOARD ONLY
SINGLE OUTPUT
BOARD ONLY
MULTIPLE OUTPUT
‘C’-COVER
SINGLE OUTPUT
C’-COVER
Convection Continuous /
Peak
80W/110W
90W/120W
60W/110W
65W/120W
Forced Air 200 LMF
110W
120W
110W
120W
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range
85
264
VAC
Input Frequency
AC input
47
63
Hz
Brown Out Protection
Lowest AC input voltage when regulation is maintained with full
rated loads.
85
VAC
Hold-up Time
Nominal AC input voltage (110 VAC)
50% load:
Full rated load:
40
20
mS
Input Current
85 VAC (110W load)
110VAC (110W load)
3.5
2.8
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 264 VAC (one cycle). 25 °C.
41
APK
Operating Frequency
Switching frequency of main transformer, (fixed frequency).
20
25
kHz


Similar Part No. - MAP110-4001

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP110-4001 POWER-ONE-MAP110-4001 Datasheet
279Kb / 5P
   MAP110 SERIES
More results

Similar Description - MAP110-4001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
   Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
   Universal Input: 90-264 VAC
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
   Universal input 85 - 265 VAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com