Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU15005A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GBU15005A
Description  Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBU15005A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBU15005A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBU15005A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBU15005A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBU15005A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBU15005A THRU GBU1510A
 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B171
Rev.2.0, 18-Dec-14
www.21yangjie.com
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT GBU15005A GBU1501A GBU1502A GBU1504A  GBU1506A  GBU1508A GBU1510A
Thermal
Resistance
Between junction and
ambient, Without
heatsink
RθJ-A
/W
23
Between junction
and case, With
heatsink
RθJ-C
1.8
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
GBU15005A THRU GBU1510A
B1
Approximate 3.97
20
1000
2000
TUBE
GBU15005A THRU GBU1510A
A1
Approximate 3.97
250
250
4000
BOX
■ Characteristics (Typical)
`
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
FIG3: Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
Instantaneous Forward Voltage(V)
020
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
1
0
2
5
10
20
50
100
100
200
300
half sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
0
8.3ms
1cycle
8.3ms
Number of Cycles
80
0
10
FIG1:Io-Tc Curve
160
sine wave R-load
with heatsink
15
20
90
100
110
120
130
140
150
Tc
heatsink
Case Temperature(℃)


Similar Part No. - GBU15005A

ManufacturerPart #DatasheetDescription
logo
RFE international
GBU15005A RFE-GBU15005A Datasheet
1,006Kb / 3P
   Bridge Rectifiers
12-28-2022
More results

Similar Description - GBU15005A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com