Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP55-1012G6 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MAP55-1012G6
Description  Metric and SAE Mounting Inserts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP55-1012G6 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MAP55-1012G6 Datasheet HTML 1Page - Bel Fuse Inc. MAP55-1012G6 Datasheet HTML 2Page - Bel Fuse Inc. MAP55-1012G6 Datasheet HTML 3Page - Bel Fuse Inc. MAP55-1012G6 Datasheet HTML 4Page - Bel Fuse Inc. MAP55-1012G6 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bel Power Solutions MAP55 Series of power supplies provides
reliable, tightly-regulated DC power for commercial and industrial
systems. Wide-range AC input and full international safety, EMI, and
ESD compliance ensure worldwide acceptance. All units bear the CE
Mark.
The MAP55 utilizes a thermally efficient U-channel chassis design.
Other mechanical design innovations include metric and SAE
mounting inserts on each mounting surface to provide integration
flexibility. Dual-mode connectors provide traditional terminal block
connections or popular single row Molex connector mating.
Single-output models feature wide-range output adjustability to meet
a wide variety of standard and user-specific output voltage
requirements.
RoHS Compliant
Wide Range Input for 110/220 VAC Applications
Meets EN55022, Conducted Class B Limits
Compact Footprint: 6.0 x 3.27 x 1.6 inch (152.4 x 83.1 x 40.6 mm)
Greater than 225000 Hours MTBF
Metric and SAE Mounting Inserts


Similar Part No. - MAP55-1012G6

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP55-1012 POWER-ONE-MAP55-1012 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
MAP55-1012 POWER-ONE-MAP55-1012 Datasheet
111Kb / 3P
   power supplies provides reliable, tightly-regulated DC
More results

Similar Description - MAP55-1012G6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
552634-7 MACOM-552634-7 Datasheet
36Kb / 1P
   ISTANDOFF, STUD, MOUNTING (METRIC)
logo
Bud Industries, Inc.
PMR-9483 BUD-PMR-9483 Datasheet
49Kb / 1P
   PANEL MOUNTING RAIL (METRIC)
logo
Glenair, Inc.
809-199 GLENAIR-809-199 Datasheet
204Kb / 1P
   Mounting Flange with Standard or Metric Threads
logo
List of Unclassifed Man...
24422 ETC2-24422 Datasheet
115Kb / 2P
   METRIC STANDOFFS AND SPACERS
24406 ETC2-24406 Datasheet
355Kb / 1P
   METRIC STANDOFFS AND SPACERS
24421 ETC2-24421 Datasheet
89Kb / 1P
   METRIC STANDOFFS AND SPACERS
logo
NXP Semiconductors
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
   SAE/J1850/VPW transceiver
2001 Jun 19
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
   SAE/J1850/VPW transceiver
1998 Jun 30
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com