Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF6903 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRF6903
Description  SINGLE CHIP MULTIBAND RF TRANSCEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF6903 Datasheet(HTML) 2 Page - Texas Instruments

  TRF6903 Datasheet HTML 1Page - Texas Instruments TRF6903 Datasheet HTML 2Page - Texas Instruments TRF6903 Datasheet HTML 3Page - Texas Instruments TRF6903 Datasheet HTML 4Page - Texas Instruments TRF6903 Datasheet HTML 5Page - Texas Instruments TRF6903 Datasheet HTML 6Page - Texas Instruments TRF6903 Datasheet HTML 7Page - Texas Instruments TRF6903 Datasheet HTML 8Page - Texas Instruments TRF6903 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TRF6903
SINGLECHIP MULTIBAND RF TRANSCEIVER
SWRS022B − MARCH 2004 − REVISED AUGUST 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TRF6903 single-chip solution is an integrated circuit intended for use as a low-cost multiband FSK or OOK
transceiver to establish a frequency-programmable, half-duplex, bidirectional RF link. The multichannel
transceiver is intended for digital (FSK, OOK) modulated applications in the North American and European
315-MHz, 433-MHz, 868-MHz, and 915-MHz ISM bands. The single-chip transceiver operates down to 2.2 V
and is designed for low power consumption. The synthesizer has a typical channel spacing of better than
200 kHz and features a fully-integrated VCO. Only the PLL loop filter is external to the device.
Two fully-programmable operation modes, Mode0 and Mode1, allow extremely fast switching between two
preprogrammed settings (for example,
receive (RX)/transmit (TX); TX_frequency_0/TX_frequency_1;
RX_frequency_0/RX_frequency_1;
…) without reprogramming the device.
ISM band standards
Europe has assigned an unlicensed frequency band of 868 MHz to 870 MHz. This band is specifically defined
for short range devices with duty cycles from 0.1% to 100% in several subbands. The new European frequency
band, due to the duty cycle assignment, allows a reliable RF link and makes many new applications possible.
The North American unlicensed ISM band covers 902 MHz to 928 MHz (center frequency of 915 MHz), and is
suitable for short range RF links.
transmitter
The transmitter consists of an integrated VCO and tank circuit, a complete integer-N synthesizer, and a power
amplifier. The dividers, prescaler, and reference oscillator require only the addition of an external crystal and
a loop filter to provide a complete PLL with a typical frequency resolution of better than 200 kHz.
Since the typical RF output power is approximately 8 dBm, no additional external RF power amplifier is
necessary in most applications.
Four attenuation settings for the power amplifier are offered. This feature allows the user to fine tune the
amplifier for optimal output power.
receiver
The integrated receiver is intended to be used as a single-conversion FSK/OOK receiver. It consists of a low
noise amplifier, mixer, limiter, FM/FSK demodulator with an external LC tank circuit or ceramic resonator, LPF
amplifier, and a data slicer with clock recovery and an integrated data bit synchronizer. The received strength
signal indicator (RSSI) can also be used for fast carrier sense on/off keying, or amplitude shift keying,
(OOK/ASK) demodulator.
baseband interface
The TRF6903 can easily be interfaced to a baseband processor such as the Texas Instruments MSP430
ultralow-power microcontroller (see Figure 1). The TRF6903 serial control registers are programmed by the
MSP430 and the MSP430 performs baseband operations in the software.
A synchronized data clock, programmable for most common data rates, is provided by the TRF6903. This
feature reduces the need for extensive oversampling and data decision in the microcontroller during receive.
During transmit, the data clock can be used to clock the transmit data from the microcontroller to the TRF6903
at predefined data rates.


Similar Part No. - TRF6903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI1-TRF6903 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PT TI1-TRF6903PT Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PTG4 TI1-TRF6903PTG4 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PTR TI1-TRF6903PTR Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF6903PTRG4 TI1-TRF6903PTRG4 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
More results

Similar Description - TRF6903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
Analog Devices
ADF4602 AD-ADF4602 Datasheet
725Kb / 36P
   Single-Chip, Multiband 3G Femtocell Transceiver
REV. 0
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com