Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61060DRBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61060DRBR
Description  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61060DRBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61060DRBR Datasheet HTML 1Page - Texas Instruments TPS61060DRBR Datasheet HTML 2Page - Texas Instruments TPS61060DRBR Datasheet HTML 3Page - Texas Instruments TPS61060DRBR Datasheet HTML 4Page - Texas Instruments TPS61060DRBR Datasheet HTML 5Page - Texas Instruments TPS61060DRBR Datasheet HTML 6Page - Texas Instruments TPS61060DRBR Datasheet HTML 7Page - Texas Instruments TPS61060DRBR Datasheet HTML 8Page - Texas Instruments TPS61060DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
TA≤ 25°C
TA = 70° C
TA = 85°C
PACKAGE
RθJA
POWER RATING
POWER RATING
POWER RATING
QFN(1)
270
°C/W
370 mW
204 mW
148 mW
QFN(2)
60
°C/W
1.6W
916mW
666mW
CSP(3)
220
°C/W
454 mW
250 mW
181 mW
CSP(4)
110
°C/W
909 mW
500mW
363 mW
(1)
Soldered PowerPAD on a standard 2-layer PCB without vias for thermal pad.
(2)
Soldered PowerPAD on a standard 4-layer PCB with vias for thermal pad.
(3)
Rθ is based on a 1-layer PCB according to JEDEC standard.
(4)
Rθ is based on a 2-layer PCB according to JEDEC standard. Refer to application section on how to
improve thermal resistance RθJA.
MIN
TYP
MAX
UNIT
VI
Input voltage range
2.7
6.0
V
L
Inductor(1)
22
µH
CI
Input capacitor(1)
1
µF
CO
Output capacitor(1)
0.22
1
µF
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
(1)
Refer to application section for further information
V
in = 3.6 V, EN = VIN, TA= –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.7
6.0
V
IQ
Operating quiescent current into Vin
Device not switching
1
mA
ISD
Shutdown current
EN = GND
1
10
µA
VUVLO
Undervoltage lockout threshold
VIN falling
1.65
1.8
V
VHYS
Undervoltage lockout hysteresis
50
mV
ENABLE AND ILED
VEN
Enable high-level voltage
VIN = 2.7 V to 6.0 V
1.2
V
VEN
Enable low-level voltage
VIN = 2.7 V to 6.0 V
0.4
V
REN
Enable pulldown resistor
200
300
k
tshtdn
Enable-to-shutdown delay (1)
EN = high to low
50
ms
tPWML
PWM low-level signal time (1)
PWM signal applied to EN
25
ms
VILED
ILED high-level voltage
VIN = 2.7 V to 6.0 V
1.2
V
VILED
ILED low-level voltage
VIN = 2.7 V to 6.0 V
0.4
V
IILED
ILED input leakage current
ILED = GND or VIN
0.1
3
µA
DAC resolution
5 Bit
15.6
mV
tup
Increase feedback voltage one step
ILED = high to low
1
75
us
tdown
Decrease feedback voltage one step
ILED = high to low
180
300
us
tdelay
Delay time between up/down steps
ILED = low to high
1.5
us
toff
Digital programming off, VFB=500mV
ILED = high to low
720
us
(1)
A PWM low signal applied to EN for a period of time (
≥25 ms) could cause a device shutdown. After a period of ≥50 ms the device
definitely enters shutdown mode.
4


Similar Part No. - TPS61060DRBR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61060DRBR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com