Electronic Components Datasheet Search |
|
ABC600-1028G Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
ABC600-1028G Datasheet(HTML) 1 Page - Bel Fuse Inc. |
1 / 11 page Asia-Pacific +86 755 298 85888 Europe, Middle East +353 61 225 977 North America +1 866 513 2839 © 2016 Bel Power Solutions, Inc. BCD.00336_AF The ABC600 Series of open frame power supplies feature a wide universal AC input range of 90 – 277 VAC, offering 600 W of output power in a compact footprint. The high efficiency and high power density of the ABC family ensures minimal power loss in end-use equipment, thereby facilitating higher reliability, easier thermal management and meets regulatory approvals for environmentally-friendly end products. ABC Series power supplies are ideal for telecom, datacom, industrial equipment and other applications. 600 W standard, 420 W convection cooled Size: 5.0” x 8.0” x 1.6” (127.0 x 203.2 x 40.6 mm) High efficiency up to 94.0% Universal input voltage range: 90-277 VAC Active power factor correction Less than 5 W dissipation at standby mode Parallel operation with active current sharing Digital control for circuit loop and power management Fully protected ( OTP, OCP, OVP, SCP ) PMBusTM for control, programming and monitoring Both AC input and DC input are available Designed to meet Class B per CISPR 22 and EN 55022 Approved to the latest edition of the following standards: UL/CSA60950-1, EN60950-1, and IEC60950-1 CE marked LVD Instrumentation Lighting Industrial Applications Applied Computing Datacom Renewable Energy Test and Measurement Robotics Wireless Communication Process Control |
Similar Part No. - ABC600-1028G |
|
Similar Description - ABC600-1028G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |