Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMX7 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # IMX7
Description  7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX7 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button IMX7 Datasheet HTML 4Page - Bel Fuse Inc. IMX7 Datasheet HTML 5Page - Bel Fuse Inc. IMX7 Datasheet HTML 6Page - Bel Fuse Inc. IMX7 Datasheet HTML 7Page - Bel Fuse Inc. IMX7 Datasheet HTML 8Page - Bel Fuse Inc. IMX7 Datasheet HTML 9Page - Bel Fuse Inc. IMX7 Datasheet HTML 10Page - Bel Fuse Inc. IMX7 Datasheet HTML 11Page - Bel Fuse Inc. IMX7 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 8 of 14
MELCHER
The Power Partners.
Thermal Considerations
If the converter, mounted on a PCB, is located in free, quasi-
stationary air (convection cooling) at the maximum ambient
temperature TA max (see table Temperature specifications) and
is operated at nominal input voltage and output power, the
case temperature TC measured at the measuring point of case
temperature (see Mechanical Data) will approach TC max after
the warm-up phase. However, the relationship between TA and
TC depends heavily on the conditions of operation and
integration into a system, such as input voltage, output current,
airflow, temperature of surrounding components and surfaces,
and the properties of the printed circuit board. TA max is
therefore only an indicative value, and under practical
operating conditions, TA may be higher or lower.
Caution: The case temperature TC measured at the measuring
point of case temperature (see Mechanical Data) may under no
circumstances exceed the specified maximum. The installer must
ensure that under all operating conditions TC remains within the
limits stated in the table Temperature specifications.
Fig. 8a
Vo versus Io (typ.) of single-output models with Vo = 5.1 V
Fig. 8b
Vo versus Io (typ.) of double-output models (2
×12 V) with both
outputs in parallel
Short-Circuit Behavior
The current limitation shuts down the converter, when a short
circuit is applied to the output. It acts self-protecting, and
automatically recovers after removal of the overload condition.
Output Overvoltage Protection
The outputs are protected against overvoltage by Zener diodes.
In the event of an overvoltage, the converter will shut down and
attempt to restart automatically. The main purpose of this
feature is to protect against possible overvoltage, which could
occur due to a failure in the feedback control circuit. The
converters are not designed to withstand external overvoltages
applied to the outputs.
Connection in Series or Parallel
The outputs of single- or double-output models can be
connected in series without any precautions, taking into
consideration that the output voltage should remain below 60 V
for SELV operation.
Both outputs of double-output models can be connected in
parallel without any precautions. Several converters (single- or
double-output models) with equal output voltage can be put in
parallel and will share their output current quite equally.
However, this may cause start-up problems and is only
recommended in applications, where one converter is able to
deliver the full load current, e.g., in true redundant systems.
Fig. 7
Overload switch-off (hiccup mode).
5.5
5.0
4.5
4.0
3.5
3.0
0
0.4
0.8
1.2
1.6
I
o [A]
V
o [V]
05087a
1.0
0.8
0.6
0.4
0
0.2
20
40
60
80
100
°C
P
o /Po max
JM017
T
A
0.5 m/s = 100 LFM
natural cooling
70
100
V
o [%]
t
05041b
0.3 s
overload short-circuit condition
switch-off
0
Fig. 6
Maximum allowed output power versus ambient temperature
7
8
9
10
11
12
13
V
o [V]
0.2
0.4
0.6
0.8
I
o total
[A]
0
05086b


Similar Part No. - IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX70 BEL-IMX70 Datasheet
2Mb / 17P
   70 to 90 Watt DC-DC Converters
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
IMX7DCEC NXP-IMX7DCEC Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
More results

Similar Description - IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com