Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3701 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF3701
Description  0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3701 Datasheet(HTML) 3 Page - Texas Instruments

  TRF3701 Datasheet HTML 1Page - Texas Instruments TRF3701 Datasheet HTML 2Page - Texas Instruments TRF3701 Datasheet HTML 3Page - Texas Instruments TRF3701 Datasheet HTML 4Page - Texas Instruments TRF3701 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TRF3701
0.6 GHz to 1.0 GHz
QUADRATURE MODULATOR
SLWS145 – FEBRUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, GSM 900 (925 MHz) signal performance over recommended operating
conditions, VCC = 5 V, VI(IREF)=VI(QREF) = 4.1 V, ZL = 50 Ω, P(LO) = –5 dBm, single-ended input
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IMD
I Signal: f(1) = 100 kHz, f(2) = 300 kHz,
Q Signal: f(1) = 100 kHz, f(2) = 300 kHz, f(LO) = 925 MHz,
VI(IVIN)=VI(QVIN) = 0.6 V, P(LO) = –5 dBm
65
dBc
IP3 (Output referred)
f(LO) = 925 MHz, f(1)= 100 kHz, f(2) = 300 kHz,
VI(IVIN)=VI(QVIN) = 0 – 1.5 V
18
dBm
1–dB Intercept point
(Output referred)
f(LO) = 925 MHz, f(1)=100 kHz,
VI(IVIN)=VI(QVIN) = 0 – 1.5 V
5
dBm
Noise spectral density
(NSD)
f(LO) = 925 MHz, offset –20 Mhz, 30 kHz Resolution = .B/W,
VI(IVIN)=VI(QVIN)=VI(IREF) =VI(QREF) = 4.1 V
–157
dBm/Hz
Output Power
Single tone 100 kHz, IVIN =QVIN= 1.0V,
I and Q signals driven in quadrature.
–5
–4
dBm
Output Impedance
P(LO) = 0, IVIN =QVIN= O/C
30 –
j1
Carrier suppression
(unadjusted)
Single tone 100 kHz, IVIN =QVIN= 1.0,
I and Q signals driven in quadrature. P(RFOUT) = –4 dBm.
35
dBc
Sideband suppression
(unadjusted)
Single tone 100 kHz, IVIN =QVIN= 1.0V,
I and Q signals driven in quadrature. P(RFOUT) = –4 dBm.
30
35
dB
Phase error
Single tone 100 kHz, IVIN =QVIN= 1.0 V,
I and Q signals driven in quadrature. P(RFOUT) = –4 dBm.
1
°
Noise figure
Single tone 100 kHz, IVIN =QVIN= 1.0 V,
I and Q signals driven in quadrature
24
27
dB
Conversion loss
Single tone 100 kHz, IVIN =QVIN= 1.0 V,
I and Q signals driven in quadrature. P(RFOUT) = –5 dBm
8
dB
EVM
Integrated across GSM 28 symbol midamble,
GSM DC – 100 kHz, P(RFOUT) = –5 dBm,
IVIN = QVIN = 1.0 V
2
%
100 kHz offset, 30 kHz bandwidth
–3.5
200 kHz offset, 30 kHz bandwidth
–35
250 kHz offset, 30 kHz bandwidth
–38
Modulation mask
Single GSM 200 kHz carrier,
20 MHz Offset
400 kHz offset, 30 kHz bandwidth
–72
dBc
Modulation mask
20 MHz Offset
P(RFOUT) = –5 dBm
≥ 600 kHz < 1200 kHz, 30 kHz BW
–82
dBc
P(RFOUT) = –5 dBm
≥ 1200 kHz < 1800 kHz, 30 kHz BW
–85
≥ 1800 kHz < 6000 kHz, 30 kHz BW
–87
≥ 6000 kHz, 100 kHz BW
–92


Similar Part No. - TRF3701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHC TI-TRF3701IRHC Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHCG4 TI-TRF3701IRHCG4 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHCR TI-TRF3701IRHCR Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHCRG4 TI-TRF3701IRHCRG4 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com