Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61062 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61062
Description  CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61062 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61062 Datasheet HTML 3Page - Texas Instruments TPS61062 Datasheet HTML 4Page - Texas Instruments TPS61062 Datasheet HTML 5Page - Texas Instruments TPS61062 Datasheet HTML 6Page - Texas Instruments TPS61062 Datasheet HTML 7Page - Texas Instruments TPS61062 Datasheet HTML 8Page - Texas Instruments TPS61062 Datasheet HTML 9Page - Texas Instruments TPS61062 Datasheet HTML 10Page - Texas Instruments TPS61062 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
VIN = 4.2 V
VIN = 3 V
LED Current − mA
4 LEDS,
ILED = High,
VOUT = 14.3 V
VIN = 3.6 V
20
30
40
50
60
70
80
90
0
5
10
15
20
25
VIN = 4.2 V
VIN = 3 V
LED Current − mA
5 LEDS,
ILED = High,
VOUT = 17.8 V
VIN = 3.6 V
EN
2 V/div
Inductor Current
100 mA/div
LED Current
20 mA/div
C1 Frequency
199.9991 Hz
Low Signal
Amplitude
1 ms/div
0
50
100
150
200
250
300
350
400
450
500
550
600
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
ILED − Programming Step
Stepsize typ = 15.6 mV
TPS61060
TPS61061
TPS61062
SLVS538 – NOVEMBER 2004
EFFICIENCY
EFFICIENCY
vs
vs
LED CURRENT
LED CURRENT
Figure 6.
Figure 7.
DIGITAL BRIGHTNESS CONTROL
FEEDBACK VOLTAGE
vs
PWM DIMMING
ILED PROGRAMMING STEP
Figure 8.
Figure 9.
7


Similar Part No. - TPS61062

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
209Kb / 5P
   Silicon NPN Epitaxial Planar
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61062

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com