Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2838PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2838PWP
Description  SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2838PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2838PWP Datasheet HTML 6Page - Texas Instruments TPS2838PWP Datasheet HTML 7Page - Texas Instruments TPS2838PWP Datasheet HTML 8Page - Texas Instruments TPS2838PWP Datasheet HTML 9Page - Texas Instruments TPS2838PWP Datasheet HTML 10Page - Texas Instruments TPS2838PWP Datasheet HTML 11Page - Texas Instruments TPS2838PWP Datasheet HTML 12Page - Texas Instruments TPS2838PWP Datasheet HTML 13Page - Texas Instruments TPS2838PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A – MARCH 2001 – REVISED JUNE 2001
10
www.ti.com
PARAMETER MEASUREMENT INFORMATION
tr
tf
90%
90%
10%
10%
50%
50%
50%
50%
VI
(EN, SYNC, IN)
VO
(LOWDRV, HIGHDR)
ton
toff
50%
50%
50%
50%
ton
toff
VI
(EN, SYNC, IN)
VO
(LOWDRV, HIGHDR)
VO
(LOWDRV, HIGHDR)
Rising Edge
Falling Edge
High-Side and Low-Side Drive
Figure 1. Voltage Waveforms
TYPICAL CHARACTERISTICS
Figure 2
0
46
8
10
10
RISE TIME
vs
INPUT VOLTAGE (VDRV)
13
VI – Input Voltage (VDRV) – V
50
60
70
20
30
40
57
9
11
12
CL = 3.3 nF
TJ = 25°C
15
14
High Side
Low Side
Figure 3
FALL TIME
vs
INPUT VOLTAGE (VDRV)
0
46
8
10
5
13
VI – Input Voltage (VDRV) – V
25
30
35
10
15
20
57
9
11
12
15
14
CL = 3.3 nF
TJ = 25°C
High Side
Low Side


Similar Part No. - TPS2838PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830 TI1-TPS2830 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
TPS2830 TI1-TPS2830 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2838PWP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com