Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCMB1D156TRF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TMCMB1D156TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCMB1D156TRF Datasheet(HTML) 1 Page - Vishay Siliconix

  TMCMB1D156TRF Datasheet HTML 1Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 2Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 3Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 4Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 5Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 6Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 7Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 8Page - Vishay Siliconix TMCMB1D156TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
1
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors,
Molded Case, Extended Range
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.47 μF to 470 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 2.5 VDC to 35 VDC
FEATURES
• Small size, suitable for high density packaging
• Terminations: 100 % matte tin
• Qualified to EIA-717
• MSL level: 1
• Compatible with “high volume” automatic pick
and place equipment
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Industrial
•AV equipment
• General purpose
Available
Available
ORDERING INFORMATION
TMCM
A
0J
106
M
TR
(2)
F
TYPE
CASE
CODE
DC VOLTAGE
RATING AT +85 °C
CAPACITANCE
(μF)
CAPACITANCE
TOLERANCE
PACKAGING
POLARITY
(OPTIONAL)
TERMINAL
CODE
See
Ratings
and
Case
Codes
table
0E = 2.5 V
0G = 4.0 V
0J = 6.3 V (7 V)
1A = 10 V
1C = 16 V
1D = 20 V
1E = 25 V
1V = 35 V
This is expressed
in picofarads.
The first two
digits are the
significant
figures. The third
is the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
TR = 7" reel,
cathodes close
to perforation
side
Halogen-free
(special order),
not applicable
for E case
F =
lead (Pb)-free
terminations
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
l
a
A
3216-18
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.028 ± 0.012
[0.7 ± 0.3]
0.047 ± 0.008
[1.2 ± 0.2]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.2]
0.110 ± 0.008
[2.8 ± 0.2]
0.075 ± 0.008
[1.9 ± 0.2]
0.030 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
C
5832-27
0.228 ± 0.008
[5.8 ± 0.2]
0.126 ± 0.008
[3.2 ± 0.2]
0.100 ± 0.008
[2.5 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.087 ± 0.008
[2.2 ± 0.2]
E
7343-30
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.112 ± 0.008
[2.8 ± 0.2]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
Anode indication belf mark
E case
A, B, C case
a
L
l
l
l
l


Similar Part No. - TMCMB1D156TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCMB1D106 ETC-TMCMB1D106 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCMB1D156TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com