Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60231 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60231
Description  WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60231 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS60231 Datasheet HTML 5Page - Texas Instruments TPS60231 Datasheet HTML 6Page - Texas Instruments TPS60231 Datasheet HTML 7Page - Texas Instruments TPS60231 Datasheet HTML 8Page - Texas Instruments TPS60231 Datasheet HTML 9Page - Texas Instruments TPS60231 Datasheet HTML 10Page - Texas Instruments TPS60231 Datasheet HTML 11Page - Texas Instruments TPS60231 Datasheet HTML 12Page - Texas Instruments TPS60231 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
EN1 + EN2
VO
ILED
0 V
0 A
0 V
20 ms/div
VI = 3.6 V , ILED = 20 mA,
3 LED’s Connected,
TA = 255C
DETAILED DESCRIPTION
OPERATION
LED CURRENT ADJUSTMENT (ISET)
R
ISET +
V
ISET
I
LED
K
TPS60231
SLVS544 – OCTOBER 2004
STARTUP TIMING
Figure 11.
The TPS60231 uses a fractional conversion charge pump to generate a supply voltage for the integrated current
sinks. These current sinks are used to ensure a constant current for each LED. Depending on the input voltage
and programmed LED current, the charge pump either operates in the 1x mode or in the 1.5x mode. By
switching automatically between these two modes, the circuit optimizes power conversion efficiency as well as
extends operating time by allowing the discharge of the battery completely.
The charge pump can generate 75 mA of output current, so each of the 3 LED outputs can be powered with up
to 25 mA of current. The maximum LED current is set by a resistor connected to the ISET pin. This resistor
programs a reference current, which is current mirrored to set the LED current.
Applying a PWM signal to the EN1 pin and/or the EN2 pin controls the LED brightness. See a detailed
description in the section Analog Dimming Using ISET Pin.
A resistor programs a reference current, which is current mirrored to set the LED current. The voltage at the
ISET pin depends on the status of EN1 and EN2. The current in each LED is typically 260 times the current
through the resistor at ISET.
VISET— Voltage from ISET pin (0.2 V, 0.4 V or 0.6 V) to GND, see Table 1
ILED— Current per LED from Dx pin to GND
K — Dx to ISET current ratio (typically 260)
The LED current varies linearly from 0 mA to ILED(max) mA by applying a PMW signal with 0% to 100% duty cycle.
The LED brightness can however also be controlled by an analog control signal that is fed into the ISET pin.
9


Similar Part No. - TPS60231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60230 TI-TPS60230 Datasheet
382Kb / 15P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230RGTR TI-TPS60230RGTR Datasheet
382Kb / 15P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230RGTR TI1-TPS60230RGTR Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230RGTT TI1-TPS60230RGTT Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
More results

Similar Description - TPS60231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
logo
Texas Instruments
TPS60230 TI-TPS60230 Datasheet
382Kb / 15P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124_16 Datasheet
2Mb / 15P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3122 SGMICRO-SGM3122_16 Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605 Datasheet
164Kb / 2P
   CHARGE PUMP CURRENT SOURCE FOR LED DRIVER WITH BRIGHTNESS CONTROL
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com