Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCMA1A156TRF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TMCMA1A156TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCMA1A156TRF Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TMCMA1A156TRF Datasheet HTML 2Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 3Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 4Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 5Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 6Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 7Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 8Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 9Page - Vishay Siliconix TMCMA1A156TRF Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
6
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 VDC AT + 85 °C, 10 VDC AT +125 °C
1.5
A
TMCMA1C155(1)TRF
0.5
6
6.6
0.109
2.2
A
TMCMA1C225(1)TRF
0.5
6
6.6
0.109
3.3
A
TMCMA1C335(1)TRF
0.5
6
4.0
0.140
4.7
A
TMCMA1C475(1)TRF
0.8
6
4.0
0.140
4.7
B
TMCMB1C475(1)TRF
0.8
6
2.8
0.185
6.8
A
TMCMA1C685(1)TRF
1.1
6
4.0
0.140
6.8
B
TMCMB1C685(1)TRF
1.1
6
2.8
0.185
10
A
TMCMA1C106(1)TRF
1.6
8
2.9
0.164
10
B
TMCMB1C106(1)TRF
1.6
8
1.7
0.238
15
A
TMCMA1C156(1)TRF
2.4
12
2.9
0.164
15
B
TMCMB1C156(1)TRF
2.4
8
1.7
0.238
15
C
TMCMC1C156(1)TRF
2.4
8
1.7
0.243
22
A
TMCMA1C226MTRF
7.0
16
2.9
0.164
22
B
TMCMB1C226(1)TRF
3.5
8
1.7
0.238
22
C
TMCMC1C226(1)TRF
3.5
8
1.1
0.302
33
B
TMCMB1C336(1)TRF
5.3
12
1.1
0.295
33
C
TMCMC1C336(1)TRF
5.3
8
1.1
0.302
33
E
TMCME1C336(1)TRF
5.3
8
0.9
0.365
47
B
TMCMB1C476MTRF
7.5
20
1.7
0.238
47
C
TMCMC1C476(1)TRF
7.5
8
2.2
0.213
47
E
TMCME1C476(1)TRF
7.5
8
0.9
0.365
68
C
TMCMC1C686(1)TRF
10.9
20
1.1
0.302
68
E
TMCME1C686(1)TRF
10.9
8
0.6
0.447
100
C
TMCMC1C107MTRF
16.0
20
1.7
0.243
100
E
TMCME1C107(1)TRF
16.0
8
0.6
0.447
20 VDC AT + 85 °C, 13 VDC AT +125 °C
1.0
A
TMCMA1D105(1)TRF
0.5
4
6.6
0.109
1.5
A
TMCMA1D155(1)TRF
0.5
6
4.4
0.133
2.2
A
TMCMA1D225(1)TRF
0.5
6
4.4
0.133
3.3
A
TMCMA1D335(1)TRF
0.7
6
4.0
0.140
3.3
B
TMCMB1D335(1)TRF
0.7
6
3.9
0.157
4.7
A
TMCMA1D475(1)TRF
0.9
6
4.0
0.140
4.7
B
TMCMB1D475(1)TRF
0.9
6
2.8
0.185
6.8
B
TMCMB1D685(1)TRF
1.4
6
2.2
0.209
10
B
TMCMB1D106(1)TRF
2.0
8
2.2
0.209
10
C
TMCMC1D106(1)TRF
2.0
8
1.7
0.243
15
B
TMCMB1D156(1)TRF
3.0
8
1.1
0.295
15
C
TMCMC1D156(1)TRF
3.0
8
1.7
0.243
22
B
TMCMB1D226(1)TRF
4.4
8
1.7
0.238
22
C
TMCMC1D226(1)TRF
4.4
8
1.7
0.243
22
E
TMCME1D226(1)TRF
4.4
8
0.9
0.365
33
C
TMCMC1D336(1)TRF
6.6
8
1.0
0.316
33
E
TMCME1D336(1)TRF
6.6
8
0.9
0.365
47
E
TMCME1D476(1)TRF
9.4
8
0.9
0.365
68
E
TMCME1D686(1)TRF
13.6
8
0.5
0.490
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCMA1A156TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCMA1A156 ETC-TMCMA1A156 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCMA1A156TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com