Electronic Components Datasheet Search |
|
TMCHB1V474TRF Datasheet(PDF) 11 Page - Vishay Siliconix |
|
TMCHB1V474TRF Datasheet(HTML) 11 Page - Vishay Siliconix |
11 / 15 page Molded Guide www.vishay.com Vishay Polytech Revision: 11-Apr-16 4 Document Number: 40218 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SOLID TANTALUM CAPACITORS - MOLDED CASE SERIES TMCTX TMCH THC PRODUCT IMAGE TYPE Solid tantalum surface mount chip capacitors, molded case FEATURES Built-in fuse High reliability High reliability, high temperature +150 °C TEMPERATURE RANGE -55 °C to +125 °C -55 °C to +150 °C CAPACITANCE RANGE 1.0 μF to 68 μF 0.1 μF to 100 μF 0.33 μF to 47 μF VOLTAGE RANGE 10 V to 35 V 4 V to 35 V 10 V to 35 V CAPACITANCE TOLERANCE ± 10 %, ± 20 % LEAKAGE CURRENT 0.01 CV or 0.5 μA, whichever is greater 0.005 CV or 0.25 μA, whichever is greater DISSIPATION FACTOR 4 % to 6 % 4 % to 8 % 4 % to 6 % CASE SIZES B, C, E, F A, B, C, E, P A, B, C, E TERMINATION FINISH 100 % tin SOLID NIOBIUM CAPACITORS - MOLDED CASE SERIES NMC NMCU PRODUCT IMAGE TYPE Solid niobium surface mount chip capacitors, molded case FEATURES Flame retardant Flame retardant, low profile TEMPERATURE RANGE -55 °C to +105 °C CAPACITANCE RANGE 10 μF to 470 μF 4.7 μF to 47 μF VOLTAGE RANGE 2.5 V to 10 V CAPACITANCE TOLERANCE ± 20 % LEAKAGE CURRENT 0.02 CV or less DISSIPATION FACTOR 8 % to 30 % 30 % CASE SIZES A, B, C, E UA, UB TERMINATION FINISH 100 % tin Case UA: 100 % tin Case UB: Ni / Pd / Au |
Similar Part No. - TMCHB1V474TRF |
|
Similar Description - TMCHB1V474TRF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |