Electronic Components Datasheet Search |
|
TMCHE1D226TRF Datasheet(PDF) 2 Page - Vishay Siliconix |
|
TMCHE1D226TRF Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 15 page TMCH www.vishay.com Vishay Polytech Revision: 26-Oct-17 2 Document Number: 40182 For technical questions, contact: polytech@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes • When the capacitance code is the same in the same case, use the voltage code for the higher rated voltage (1) Marking on A case (2) Marking on B case RATINGS AND CASE CODES μF 4 V 7 V (6.3 V) 10 V 16 V 20 V 25 V 35 V 0.10 A 0.15 A 0.22 A 0.33 P A 0.47 P A A / B 0.68 P A A A / B 1.0 P / A A A / B 1.5 P / A A A B B / C 2.2 A P / A A A / B B B / C 3.3 A A P / A A / B B B B / C 4.7 A A P / A / B A / B B B / C C / E 6.8 P / A / B B B B / C C C / E 10 B P / B A / B B / C C C / E E 15 B B B / C C C / E E E 22 B / C B / C B / C / E E E 33 C C C / E C / E E 47 C C / E C / E C / E 68 E E C / E 100 E E MARKING SIMPLIFIED VOLTAGE AND NOMINAL CAPACITANCE CODES, CASES A, B μF 4 V 7 V (6.3 V) 10 V 16 V 20 V 25 V 35 V 0.10 104 0.15 154 0.22 224 0.33 N5 0.47 S5 VS5 (1) S5 (2) 0.68 W5 EW5 VW5 (1) W5 (2) 1.0 A6 DA6 VA6 (1) A6 (2) 1.5 E6 CE6 DE6 E6 VE6 2.2 J6 AJ6 CJ6 DJ6 (1) J6 (2) EJ6 3.3 N6 JN6 AN6 CN6 (1) N6 (2) DN6 EN6 N6 4.7 GS6 JS6 AS6 (1) S6 (2) CS6 C6 ES6 GS6 JS6 6.8 JW6 (1) W6 (2) AW6 CW6 DW6 10 A7 JA7 AA7 A7 CA7 A7 15 GE7 JE7 AE7 22 JJ7 AJ7 CJ7 A6A Simplified code of nominal capacitance (A6: 1 μF) Anode indication belt mark A, B Case Date code A case, 16 V, 1 µF (1) A case, 20 V, 1 µF (1) DA6A Simplified code of nominal capacitance (A6: 1 μF) Anode indication belt mark Date code Simplified code of rated voltage (D: 20 V) |
Similar Part No. - TMCHE1D226TRF |
|
Similar Description - TMCHE1D226TRF |