Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJU1506 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GBJU1506
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJU1506 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GBJU1506 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJU1506 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJU1506 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJU1506 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBJU15005 THRU GBJU1510
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B041
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Bridge Rectifiers
Features
UL recognition, file #E230084
● Thin single in-line package
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in high frequency AC/DC bridge full wave
rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
Mechanical Data
Package: 6KBJ
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GBJU15005
GBJU1501
GBJU1502
GBJU1504
GBJU1506
GBJU1508
GBJU1510
Device marking code
GBJU15005
GBJU1501
GBJU1502
GBJU1504
GBJU1506
GBJU1508
GBJU1510
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output
current @60Hz sine wave,
R-load
With heatsink
Tc =87℃
IO
A
15
Without heatsink
Ta =25℃
3.2
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
220
Current squared time
@1ms≤t≤8.3ms Tj=25℃, Rating of per diode
I
2t
A
2s
200
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
Dielectric strength
@ terminals to case, AC 1 minute
Vdis
KV
2.5
Mounting torque
@recommend torque:5kg·cm
Tor
kg·cm
8
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
GBJU15005
GBJU1501
GBJU1502
GBJU1504
GBJU1506
GBJU1508
GBJU1510
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=7.5A
1.0
1.30
1.70
Maximum DC reverse current
at rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
10
Reverse Recovery Time
Trr
ns
IF=0.5A
IRM=1A
IRR=0.25A
50
75
COMPLIANT
RoHS
+
~
~
-


Similar Part No. - GBJU1506

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
GBJ YENYO-GBJ Datasheet
493Kb / 1P
   Dimensions in inches and
logo
Shanghai Shunye Electro...
GBJ SHUNYE-GBJ Datasheet
804Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ10A YANGJIE-GBJ-KBJ10A Datasheet
59Kb / 2P
   SINGLE PHASE 6.0/8.0/10.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ-KBJ15005 YANGJIE-GBJ-KBJ15005 Datasheet
301Kb / 2P
   SINGLE PHASE 15AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
GBJ-KBJ1501 YANGJIE-GBJ-KBJ1501 Datasheet
301Kb / 2P
   SINGLE PHASE 15AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBJU1506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com