Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ604 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # GBJ604
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ604 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GBJ604 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ604 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ604 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ604 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBJ6005 THRU GBJ610
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B031
Rev. 2.1, 28-Apr-14
www.21yangjie.com
■Thermal Characteristics (T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GBJ6005
GBJ601
GBJ602
GBJ604
GBJ606
GBJ608
GBJ610
Thermal
Resistance
Between junction and
ambient, Without
heatsink
R
θJ-A
℃/W
26
Between junction and
case, With heatsink
R
θJ-C
3.4
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GBJ6005 THRU
GBJ610
B1
Approximate 6.5
15
750
1500
TUBE
GBJ6005 THRU
GBJ610
A1
Approximate 6.5
250
250
2000
BOX
■ Characteristics (Typical)
`
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
FIG3: Forward Voltage
1.0
10
20
40
60
5.0
Ta=25℃
Instantaneous Forward Voltage(V)
heatsink
sine wave R-load
with heatsink
70
80
90
100
110
120
130
140
150
160
11
10
8
6
4
2
0
Tc
FIG1: I0-Tc Curve
Case Temperatyre (V)
1
0
2
5
10
20
50
100
100
200
300
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
0
8.3ms 8.3ms
Number of Cycles
half sine wave
1cycle


Similar Part No. - GBJ604

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ604 MCC-GBJ604 Datasheet
89Kb / 2P
   6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
GBJ604 YEASHIN-GBJ604 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBJ604 YANGJIE-GBJ604 Datasheet
336Kb / 4P
   Bridge Rectifiers
logo
List of Unclassifed Man...
GBJ604 ETC1-GBJ604 Datasheet
220Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
Goodwork Semiconductor ...
GBJ604 GWSEMI-GBJ604 Datasheet
67Kb / 2P
   GBJ801 GBJ802 GBJ803 GBJ804 GBJ805 GBJ806 GBJ807
More results

Similar Description - GBJ604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com