Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ801 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GBJ801
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GBJ801 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GBJ801 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GBJ801 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GBJ801 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GBJ801 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBJ8005 THRU GBJ810
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B032
Rev. 2.1, 28-Apr-14
www.21yangjie.com
Bridge Rectifiers
Features
UL recognition, file #E230084
● Thin single in-line package
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
Mechanical Data
Package: 6KBJ
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GBJ8005
GBJ801
GBJ802
GBJ804
GBJ806
GBJ808
GBJ810
Device marking code
GBJ8005
GBJ801
GBJ802
GBJ804
GBJ806
GBJ808
GBJ810
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output
current @60Hz sine wave,
R-load
With heatsink
Tc =87℃
IO
A
8
Without heatsink
Ta =25℃
3.5
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
175
Current squared time
@
1ms≤t≤8.3ms Tj=25℃,Rating of per diode
I
2t
A
2s
127
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
Dielectric strength
@ terminals to case, AC 1 minute
Vdis
KV
2
Mounting torque
@recommend torque:5kg·cm
Tor
kg·cm
8
■Electrical Characteristics(T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
GBJ8005
GBJ801
GBJ802
GBJ804
GBJ806
GBJ808
GBJ810
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=4A
1.0
Maximum DC reverse current
at rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
5
COMPLIANT
RoHS
+
~
~
-


Similar Part No. - GBJ801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ801 DIODES-GBJ801 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
logo
Yea Shin Technology Co....
GBJ801 YEASHIN-GBJ801 Datasheet
366Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ801 YFWDIODE-GBJ801 Datasheet
590Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??8.0A
logo
Micro Commercial Compon...
GBJ801 MCC-GBJ801 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
GBJ801 GWSEMI-GBJ801 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - GBJ801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com