Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCHE1C476TRF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TMCHE1C476TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCHE1C476TRF Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TMCHE1C476TRF Datasheet HTML 2Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 3Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 4Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 5Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 6Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 7Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 8Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 9Page - Vishay Siliconix TMCHE1C476TRF Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TMCH
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
6
Document Number: 40182
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 22 VDC AT +125 °C
0.10
A
TMCHA1V104(1)TRF
0.25
4
38.5
0.05
0.15
A
TMCHA1V154(1)TRF
0.25
4
38.5
0.05
0.22
A
TMCHA1V224(1)TRF
0.25
4
38.5
0.05
0.33
A
TMCHA1V334(1)TRF
0.25
4
22.0
0.06
0.47
A
TMCHA1V474(1)TRF
0.25
4
16.5
0.07
0.47
B
TMCHB1V474(1)TRF
0.25
4
19.8
0.07
0.68
A
TMCHA1V684(1)TRF
0.25
4
9.7
0.09
0.68
B
TMCHB1V684(1)TRF
0.25
4
8.8
0.10
1.0
A
TMCHA1V105(1)TRF
0.25
4
6.6
0.11
1.0
B
TMCHB1V105(1)TRF
0.25
4
3.9
0.16
1.5
B
TMCHB1V155(1)TRF
0.26
6
3.9
0.16
1.5
C
TMCHC1V155(1)TRF
0.26
6
5.0
0.14
2.2
B
TMCHB1V225(1)TRF
0.38
6
5.5
0.13
2.2
C
TMCHC1V225(1)TRF
0.38
6
5.0
0.14
3.3
B
TMCHB1V335(1)TRF
0.57
6
3.9
0.16
3.3
C
TMCHC1V335(1)TRF
0.57
6
3.9
0.16
4.7
C
TMCHC1V475(1)TRF
0.82
6
2.8
0.19
4.7
E
TMCHE1V475(1)TRF
0.82
6
2.8
0.21
6.8
C
TMCHC1V685MTRF
1.19
6
1.7
0.24
6.8
E
TMCHE1V685(1)TRF
1.19
6
1.7
0.27
10
E
TMCHE1V106(1)TRF
1.75
6
1.1
0.33
15
E
TMCHE1V156MTRF
2.62
6
0.9
0.37
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
42.0
7 (6.3)
3.5 (3.1)
10
5.0
16
8.0
20
10.0
25
12.5
35
17.5
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
P
0.064
A
0.078
B
0.096
C
0.100
E
0.120
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
P
3000
A
2000
B
2000
C
500
E
500
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCHE1C476TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCHA1C105MTRF HOLYSTONECAPS-TMCHA1C105MTRF Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCHE1C476TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
THC VISHAY-THC Datasheet
258Kb / 11P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Temperature, High Reliability
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com