Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3A336K6R3C2000 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TR3A336K6R3C2000
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3A336K6R3C2000 Datasheet(HTML) 5 Page - Vishay Siliconix

  TR3A336K6R3C2000 Datasheet HTML 1Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 2Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 3Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 4Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 5Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 6Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 7Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 8Page - Vishay Siliconix TR3A336K6R3C2000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
5
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
15
A
TR3A156(1)004(2)1500
0.6
6
1.500
0.22
22
A
TR3A226(1)004(2)1500
0.9
6
1.500
0.22
33
A
TR3A336(1)004(2)1500
1.3
6
1.500
0.22
33
B
TR3B336(1)004(2)0500
1.3
6
0.500
0.41
47
A
TR3A476(1)004(2)0800
1.9
14
0.800
0.31
47
A
TR3A476(1)004(2)0500
1.9
14
0.500
0.39
47
B
TR3B476(1)004(2)0500
1.9
6
0.500
0.41
68
B
TR3B686(1)004(2)0500
2.7
6
0.500
0.41
68
C
TR3C686(1)004(2)0275
2.7
6
0.275
0.63
100
A
TR3A107M004(2)1000
10.0
30
1.000
0.27
100
B
TR3B107(1)004(2)0450
4.0
8
0.450
0.43
100
C
TR3C107(1)004(2)0225
4.0
6
0.225
0.70
150
B
TR3B157(1)004(2)0900
6.0
14
0.900
0.31
150
B
TR3B157(1)004(2)0500
6.0
14
0.500
0.41
150
B
TR3B157(1)004(2)0400
6.0
14
0.400
0.46
150
C
TR3C157(1)004(2)0250
6.0
12
0.250
0.66
150
D
TR3D157(1)004(4)0150
6.0
8
0.150
1.00
220
B
TR3B227M004(2)1100
8.8
18
1.100
0.28
220
B
TR3B227M004(2)0700
8.8
18
0.700
0.35
220
B
TR3B227M004(2)0500
8.8
18
0.500
0.41
220
B
TR3B227M004(2)0450
8.8
18
0.450
0.43
220
C
TR3C227(1)004(2)0200
8.8
8
0.200
0.74
220
D
TR3D227(1)004(5)0050
8.8
8
0.050
1.73
220
D
TR3D227(1)004(4)0150
8.8
8
0.150
1.00
220
D
TR3D227(1)004(4)0100
8.8
8
0.100
1.22
330
D
TR3D337(1)004(4)0100
13.2
8
0.100
1.22
330
D
TR3D337(1)004(5)0045
13.2
8
0.045
1.83
330
D
TR3D337(1)004(5)0035
13.2
8
0.035
2.07
330
D
TR3D337(1)004(4)0150
13.2
8
0.150
1.00
470
D
TR3D477(1)004(4)0125
18.8
10
0.125
1.10
470
D
TR3D477(1)004(4)0100
18.8
10
0.100
1.22
470
D
TR3D477(1)004(4)0060
18.8
10
0.060
1.58
470
D
TR3D477(1)004(5)0045
18.8
10
0.045
1.83
470
D
TR3D477(1)004(5)0035
18.8
10
0.035
2.07
470
E
TR3E477(1)004(4)0100
18.8
10
0.100
1.28
470
E
TR3E477(1)004(5)0045
18.8
10
0.045
1.91
470
E
TR3E477(1)004(5)0035
18.8
10
0.035
2.17
680
D
TR3D687M004(4)0100
27.2
25
0.100
1.22
680
D
TR3D687M004(5)0060
27.2
25
0.060
1.58
680
E
TR3E687(1)004(4)0100
27.2
12
0.100
1.28
680
E
TR3E687(1)004(5)0040
27.2
12
0.040
1.37
1000
E
TR3E108M004(4)0100
40.0
20
0.100
1.28
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
3.3
A
TR3A335(1)6R3(2)2100
0.5
6
2.100
0.19
6.8
A
TR3A685(1)6R3(2)1800
0.5
6
1.800
0.20
10
A
TR3A106(1)6R3(2)2000
0.6
6
2.000
0.19
10
A
TR3A106(1)6R3(2)1500
0.6
6
1.500
0.22
10
B
TR3B106(1)6R3(2)1500
0.6
6
1.500
0.24
15
A
TR3A156(1)6R3(2)2000
0.9
6
2.000
0.19
15
A
TR3A156(1)6R3(2)1000
0.9
6
1.000
0.27
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U


Similar Part No. - TR3A336K6R3C2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3A336 VISHAY-TR3A336 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3A3360041500 VISHAY-TR3A3360041500 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3A336100421500 VISHAY-TR3A336100421500 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3A336K6R3C2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com